Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ480D12 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # EZ480D12
Description  EZ Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

EZ480D12 Datasheet(HTML) 1 Page - Crydom Inc.,

  EZ480D12 Datasheet HTML 1Page - Crydom Inc., EZ480D12 Datasheet HTML 2Page - Crydom Inc., EZ480D12 Datasheet HTML 3Page - Crydom Inc., EZ480D12 Datasheet HTML 4Page - Crydom Inc., EZ480D12 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EZ Series
Compact design for low-profile applications; Ratings from 5 A to 18 A @ 600 VAC
SCR output for heavy industrial loads
AC or DC control
1/4" fast-on terminals for easy installation
UL/CSA/VDE Approved, CE Compliant to EN60950-1
PRODUCT SELECTION
AVAILABLE OPTIONS
Control Voltage
3-15 VDC
15-32 VDC
90-140 Vrms
12 A
EZ240D12
EZE240D12
EZE240A12
EZ240A12
18 A
EZE240D18
EZ240D18
EZ240A18
18-36 Vrms
EZ480D12
5 A
EZ240D5
EZE240A18
4-15 VDC
15-32 VDC
90-140 Vrms
EZE480D12
EZ480A12
EZE480D18
EZ480D18
EZ480A18
18-36 Vrms
EZE480A12
EZE480A18
Do not forget to visit us at: www.crydom.com
Copyright © 2016 Crydom Inc. Specifications subject to change without notice.
Datasheet
Panel Mount
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms]
Transient Overvoltage [Vpk]
Maximum Off-State Leakage Current @ Rated Voltage [mArms] (5)
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/sec] (2)
Maximum Load Current (4) [Arms]
Minimum Load Current [Arms]
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
Maximum On-State Voltage Drop @ Rated Current [Vpk]
Thermal Resistance Junction to Case (Rjc) [°C/W]
48-660
1200
0.1
500
12
150
143/150
12 A
1.5
2
48-660
1200
0.1
500
18
150
191/200
18 A
1.5
1.1
24-280
600
0.1
500
18
150
191/200
18 A
1.5
1.1
24-280
600
0.1
500
12
150
143/150
1.5
2
Maximum 1/2 Cycle I²t for Fusing (50/60 Hz) [A² sec]
102/93
182/166
182/166
102/93
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5
0.5
12 A
24-280
600
0.1
500
5
150
38/40
1.5
2
102/93
0.5
5 A
Series
Input Range
Blank: Standard Input
E: 18-36 VAC (AC Input)
15-32 VDC (DC Input)
240
EZ
A
Operating Voltage
240:24-280 VAC
Control Voltage
D: DC 3-15 V (4-15 V for
480 V)
A: AC 90-140 V
S
Internal Snubber
Blank: Not Included
S: Included (EZ240 only)
Required for valid part number
For options only and not required for valid part number
E
480:48-660 VAC
12
Load Current
5: 5 Amps (EZ240D
suffix only)
12: 12 Amps
18: 18 Amps
R
Switching Mode
Blank:
-10: Random Turn-On
Zero Voltage Turn-On


Similar Part No. - EZ480D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EZ480D12 ETC1-EZ480D12 Datasheet
56Kb / 2P
   5-18Amp 120/240, 480 Vac AC Output
logo
Crydom Inc.,
EZ480D12 CRYDOM-EZ480D12 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
EZ480D12 CRYDOM-EZ480D12 Datasheet
796Kb / 5P
   panel mount
More results

Similar Description - EZ480D12

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
6200M MALLORY-6200M Datasheet
64Kb / 1P
   EZ TRIGGER
logo
Banner Engineering Corp...
EZLSA-K30LGR BANNER-EZLSA-K30LGR Datasheet
205Kb / 2P
   EZ-LIGHT짰 for EZ-SCREEN LS짰
logo
Harwin Plc
S01-30200500 HARWIN-S01-30200500 Datasheet
61Kb / 1P
   EZ SHIELD CAN
logo
Infineon Technologies A...
CYBT-243053-02 INFINEON-CYBT-243053-02 Datasheet
687Kb / 46P
   EZ-BT Module
Rev. A February 24, 2022
logo
Banner Engineering Corp...
K70 BANNER-K70_V03 Datasheet
346Kb / 5P
   EZ-LIGHT짰 Touch K70 Series Illuminated Buttons
K30 BANNER-K30_V05 Datasheet
337Kb / 4P
   EZ-LIGHT짰 Touch K30 Series Illuminated Buttons
logo
Switchcraft, Inc.
TTEZNH10PE90T SWITCH-TTEZNH10PE90T Datasheet
193Kb / 3P
   EZ NORM JACK
logo
Infineon Technologies A...
CYBT-213043-02 INFINEON-CYBT-213043-02 Datasheet
1Mb / 46P
   EZ-BT Module
Revised February 24, 2022
logo
Cypress Semiconductor
CYBLE-014008-00 CYPRESS-CYBLE-014008-00 Datasheet
1Mb / 42P
   EZ-BLE??PSoC짰 Module
CYBLE-022001-00 CYPRESS-CYBLE-022001-00 Datasheet
1Mb / 38P
   EZ-BLETM PRoCTM Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com