Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL240A10R-05 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # EL240A10R-05
Description  EL Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

EL240A10R-05 Datasheet(HTML) 1 Page - Crydom Inc.,

  EL240A10R-05 Datasheet HTML 1Page - Crydom Inc., EL240A10R-05 Datasheet HTML 2Page - Crydom Inc., EL240A10R-05 Datasheet HTML 3Page - Crydom Inc., EL240A10R-05 Datasheet HTML 4Page - Crydom Inc., EL240A10R-05 Datasheet HTML 5Page - Crydom Inc., EL240A10R-05 Datasheet HTML 6Page - Crydom Inc., EL240A10R-05 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EL Series
AC Output Panel Mount SSRs
Ratings of 5A, 10A, 20A and 30A @ 24-280 VAC
UL Recognized, TUV, CE and RoHS Compliant.
5, 12 and 24 VDC control input options
Zero voltage or instantaneous turn-on outputs
LED input status indicator
Thermal Pad Included
OUTPUT SPECIFICATIONS (3)
Description
10 A
Operating Voltage (47-63Hz) [Vrms]
24-280
10
Minimum Load Current [mArms]
150
Maximum Load Current [Adc] (4)
600
Maximum Surge Current (50/60Hz, 1 Cycle) [Apk]
145/150
100/95
500
0.1
3.0
INPUT SPECIFICATIONS (3)
Description
EL240Axx-12
Control Voltage Range
10-14 VDC
10 VDC
Minimum Turn-On Voltage
1 VDC
Must Turn-Off Voltage
10 mA
Maximum Input Current
17.50 mA
1/2 Cycle
Minimum Input Current
1/2 Cycle
EL240Axx-05
4-8 VDC
4 VDC
1 VDC
6 mA
21 mA
1/2 Cycle
1/2 Cycle
EL240Axx-24
21-27 VDC
21 VDC
1 VDC
8 mA
19 mA
1/2 Cycle
1/2 Cycle
Maximum Turn-On Time [msec] (5)
Maximum Turn-Off Time [msec]
Transient Overvoltage [Vpk] (2)
Maximum I²t for Fusing (50/60Hz 1/2 cycle) [A² sec]
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec]
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
Thermal Resistance Junction to Case (Rjc) [°C/W]
Maximum On-State Voltage Drop @ Rated Current [Volts]
Minimum Power Factor (at Maximum Load) (1)
1.3
0.7
5 A
24-280
5
150
600
115/120
65/60
500
0.1
5.5
1.3
0.7
30 A
24-280
30
250
600
260/280
338/326
500
0.1
0.9
1.3
0.7
20 A
24-280
20
250
600
240/250
285/260
500
0.1
1.7
1.3
0.7
PRODUCT SELECTION
Control Voltage
4-8 VDC
10-14 VDC
21-27 VDC
10 A
EL240A10-05
EL240A10-12
EL240A10-24
20 A
EL240A20-05
EL240A20-12
EL240A20-24
5 A
EL240A5-05
EL240A5-12
EL240A5-24
30 A
EL240A30-05
EL240A30-12
EL240A30-24
AVAILABLE OPTIONS
Datasheet
Panel Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Required for valid part number
For options only and not required for valid part number
Rated Load Current
5: 5 Amps
10: 10 Amps
20: 20 Amps
30: 30 Amps
Control Voltage
05: 4-8 VDC
12: 10-14 VDC
24: 21-27 VDC
Overvoltage Protection
Blank: Not included
P: Included (Only for 30 Amps,
Zero Voltage models ) (1)(2)
Output Voltage
240A: 24-280 VAC
Switching Type
Blank: Zero Voltage Turn-On
R: Instantaneous Turn-On
Series
05
R
Termination
Blank: Standard Quick Connect
N: 90º bent Quick Connect
(30 Amps only)
N
P
EL
30
240A
FDE-07-01 REV. A


Similar Part No. - EL240A10R-05

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EL240A10R-24 CRYDOM-EL240A10R-24 Datasheet
843Kb / 7P
   EL Series
More results

Similar Description - EL240A10R-05

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EL240A5R-05 CRYDOM-EL240A5R-05 Datasheet
843Kb / 7P
   EL Series
logo
Sharma Electro Componen...
EL SHARMA-EL Datasheet
339Kb / 1P
   EL series
logo
Crydom Inc.,
EL240A10R-24 CRYDOM-EL240A10R-24 Datasheet
843Kb / 7P
   EL Series
EL240A30R-24 CRYDOM-EL240A30R-24 Datasheet
843Kb / 7P
   EL Series
logo
Vishay Siliconix
SIHP30N60AEL VISHAY-SIHP30N60AEL Datasheet
118Kb / 7P
   EL Series Power MOSFET
08-Feb-17
SIHA30N60AEL VISHAY-SIHA30N60AEL Datasheet
119Kb / 7P
   EL Series Power MOSFET
08-Feb-17
SIHA22N60EL VISHAY-SIHA22N60EL Datasheet
169Kb / 8P
   EL Series Power MOSFET
01-Jan-2022
SIHG22N60EL VISHAY-SIHG22N60EL Datasheet
208Kb / 10P
   EL Series Power MOSFETs
01-Jan-2022
SIHG73N60AEL VISHAY-SIHG73N60AEL Datasheet
119Kb / 7P
   EL Series Power MOSFET
08-Feb-17
SIHP22N60EL VISHAY-SIHP22N60EL Datasheet
145Kb / 7P
   EL Series Power MOSFET
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com