Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3P48C411 Datasheet(PDF) 6 Page - Crydom Inc.,

Part # DRC3P48C411
Description  DRC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3P48C411 Datasheet(HTML) 6 Page - Crydom Inc.,

Back Button DRC3P48C411 Datasheet HTML 2Page - Crydom Inc., DRC3P48C411 Datasheet HTML 3Page - Crydom Inc., DRC3P48C411 Datasheet HTML 4Page - Crydom Inc., DRC3P48C411 Datasheet HTML 5Page - Crydom Inc., DRC3P48C411 Datasheet HTML 6Page - Crydom Inc., DRC3P48C411 Datasheet HTML 7Page - Crydom Inc., DRC3P48C411 Datasheet HTML 8Page - Crydom Inc., DRC3P48C411 Datasheet HTML 9Page - Crydom Inc., DRC3P48C411 Datasheet HTML 10Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
WIRING AND BLOCK DIAGRAM
DRC3P CONTACTOR
INPUT
STATUS
A1
A2
L1
L2
L3
T1
T2
T3
XXXX
IND. CONT. EQ.
DRC3PXXX400XX
INPUT
STATUS
13
21
A1
14
22
A2
L1
L2
L3
T1
T2
T3
XXXX
IND. CONT. EQ.
DRC3PXXX411XX
INPUT
STATUS
13
23
A1
14
24
A2
L1
L2
L3
T1
T2
T3
XXXX
IND. CONT. EQ.
DRC3PXXX420XX
L1
L2
L3
L1
L2
L3
DRC3Pxx400
DRC3Pxx411
DRC3Pxx420
48-530 VAC, 50-60 Hz
48-600 VAC, 50-60 Hz
CONTROL
INPUT
/ >
/ >
/ >
CONTROL
INPUT
/ >
/ >
/ >
CONTROL
INPUT
/ >
/ >
/ >
Short circuit and overload
current protection (see page 5)
T1
T2
T3
General Use /
AC-51 Application
T1
T2
T3
T1
T2
T3
T1
T2
T3
T1
T2
T3
M
3
Motor Controller /
AC-53a Application
DRC3P
(3 controlled legs model)
Main Circuit
L1
T1
L2
T2
L3
T3
A1
A2
13
14
23
24
DRC3Pxx4
20
(2 Normally Open)
Auxiliary Contacts
DRC3Pxx4
00
Without Auxiliary Contacts
DRC3P
(2 controlled legs model)
Main Circuit
L1
T1
L2
T2
L3
T3
A1
A2
13
14
21
22
DRC3Pxx4
11
(1 Normally Open - 1 Normally Closed)
Auxiliary Contacts
(19)
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount


Similar Part No. - DRC3P48C411

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3P48C411 CRYDOM-DRC3P48C411 Datasheet
1Mb / 12P
   DRC Series
DRC3P48C411 CRYDOM-DRC3P48C411 Datasheet
1Mb / 12P
   DIN Rail Mount
DRC3P48C411R2 CRYDOM-DRC3P48C411R2 Datasheet
1Mb / 12P
   DIN Rail Mount
DRC3P48C411R2 CRYDOM-DRC3P48C411R2 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3P48C411

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3P48B400R2 CRYDOM-DRC3P48B400R2 Datasheet
1Mb / 12P
   DRC Series
DRC3P48D400R2 CRYDOM-DRC3P48D400R2 Datasheet
1Mb / 12P
   DRC Series
logo
TE Connectivity Ltd
DRC26-40SX TEC-DRC26-40SX Datasheet
237Kb / 1P
   PLUG 40 CONTACTS, SIZE 20 DRC SERIES
31MAR2005
DRC16-40S-P013 TEC-DRC16-40S-P013 Datasheet
89Kb / 1P
   PLUG 40 SIZE 16 -P013 MOD DRC SERIES
2-21-06
C-DRC16-70SAX TEC-C-DRC16-70SAX Datasheet
485Kb / 1P
   PLUG CONNECTOR DRC 70 SERIES KEY ARRANGEMENT -A-
logo
ERNI Electronics
DC0007423 ERNI-DC0007423 Datasheet
89Kb / 1P
   0.8 DRC-Q, F 32 polig 0.8 DRC-Q, F 32 pin
DC0007469 ERNI-DC0007469 Datasheet
74Kb / 1P
   0.8 DRC-Q, F 12 polig 0.8 DRC-Q, F 12 pin
DC0007429 ERNI-DC0007429 Datasheet
98Kb / 1P
   0.8 DRC-Q, F 68 polig 0.8 DRC-Q, F 68 pin
DC0007481 ERNI-DC0007481 Datasheet
86Kb / 1P
   0.8 DRC-Q, F 26 polig 0.8 DRC-Q, F 26 pin
DC0007425 ERNI-DC0007425 Datasheet
93Kb / 1P
   0.8 DRC-Q, F 40 polig 0.8 DRC-Q, F 40 pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com