Electronic Components Datasheet Search |
|
JMLP2505MYGD-D Datasheet(PDF) 5 Page - DDK Ltd. |
|
JMLP2505MYGD-D Datasheet(HTML) 5 Page - DDK Ltd. |
5 / 7 page Unit:mm http://www.ddknet.co.jp JM Series 5 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. Shell Size A B (max.) C (max.) φ D φ G 13 M181 52.5 42.5 7 ∼ 8.7 13.0 16 M221 57.0 46.5 8 ∼ 10.5 16.6 21 M261 60.5 50.7 10 ∼ 13.0 20.8 25 M301 66.0 53.9 14 ∼ 16.0 25.0 +0 -0.2 ○ Right Angle Cable Receptacle P/N : JMCL1303M □ GM-D ■ Metal Hood Type ②③ ④ ⑤ ⑥⑦ ⑧ ① ○ Cable Connecting Receptacle Shell Size A B (max.) C (max.) φ D φ G 13 M181 48.5 24.0 7 ∼ 8.7 13.0 16 M221 50.5 27.9 8 ∼ 10.5 16.6 21 M261 52.5 32.1 10 ∼ 13.0 20.8 25 M301 55.5 35.3 14 ∼ 16.0 25.0 +0.2 -0 Shell Size A B (max.) C(max.) φ D φ G 13 M181 46.5 26.5 3.0 ∼ 8.0 13.0 16 M221 48.8 30.5 3.0 ∼ 9.0 16.6 21 M261 51.8 34.0 8.0 ∼ 12.0 20.8 25 M301 54.1 37.5 9.6 ∼ 15.0 25.0 +0.2 -0 P/N : JMCR1303M □ G-D ■ Plastic Hood Type P/N : JMCR1303M □ GM-D ■ Metal Hood Type ② ② ③ ③ ④ ④ ⑤ ⑤ ⑥ ⑥⑦ ① ⑦ ⑧ ① ① Connector Style CR : Cable Connecting Receptacle ② Shell Size 13, 16, 21 and 25 ③ Number of Contacts 03, 04, 05, 07, 10, 16, 19, 24, 28 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤ Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Finish D:Trivalent Chromium Treatment(Black) ① Connector Style CR : Cable Connecting Receptacle ② Shell Size 13, 16, 21 and 25 ③ Number of Contacts 03, 04, 05, 07, 10, 16, 19, 24, 28 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤ Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Hood M:Metal Hood ⑧ Finish D:Trivalent Chromium Treatment(Black) ① Connector Style CL : Right Angle Cable Receptacle ② Shell Size 13, 16, 21 and 25 ③ Number of Contacts 03, 04, 05, 07, 10, 16, 19, 24, 28 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤ Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Hood M:Metal Hood ⑧ Finish D:Trivalent Chromium Treatment(Black) |
Similar Part No. - JMLP2505MYGD-D |
|
Similar Description - JMLP2505MYGD-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |