Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA1-CX380D5 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # DRA1-CX380D5
Description  DRA1 CX Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRA1-CX380D5 Datasheet(HTML) 2 Page - Crydom Inc.,

  DRA1-CX380D5 Datasheet HTML 1Page - Crydom Inc., DRA1-CX380D5 Datasheet HTML 2Page - Crydom Inc., DRA1-CX380D5 Datasheet HTML 3Page - Crydom Inc., DRA1-CX380D5 Datasheet HTML 4Page - Crydom Inc., DRA1-CX380D5 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DataSheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
WIRING DIAGRAM (A)
MECHANICAL SPECIFICATIONS
CX/CMX Series SSR
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
2.40
[61.0]
(A) Wiring diagram is identical for each individual section whether it is a single or four channel assembly.
(B) Load can be placed on either side of “Power”.
2.06
[52.3]
1.71
[43.3]
1.48
[37.7]
.39
[10.0]
3.53
[89.6]
4
3+
2
OUTPUT
INPUT
1
(B)


Similar Part No. - DRA1-CX380D5

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRA1-CX380D5 CRYDOM-DRA1-CX380D5 Datasheet
743Kb / 5P
   DIN Rail Mount
DRA1-CX380D5R CRYDOM-DRA1-CX380D5R Datasheet
743Kb / 5P
   DIN Rail Mount
More results

Similar Description - DRA1-CX380D5

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRA1-CX240D5 CRYDOM-DRA1-CX240D5 Datasheet
743Kb / 5P
   DRA1 CX Series
DRA1-CXE240D5R CRYDOM-DRA1-CXE240D5R Datasheet
743Kb / 5P
   DRA1 CX Series
DRA1-MCX240D5 CRYDOM-DRA1-MCX240D5 Datasheet
703Kb / 5P
   DRA1 MCX Series
DRA1-MPDCD3-B CRYDOM-DRA1-MPDCD3-B Datasheet
660Kb / 5P
   DRA1 MP Series
logo
EUROQUARTZ limited
CX-1HG-SM EUROQUARTZ-CX-1HG-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2H-SM EUROQUARTZ-CX-2H-SM Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-2-SM1 EUROQUARTZ-CX-2-SM1 Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
CX-3-SM1 EUROQUARTZ-CX-3-SM1 Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM1 EUROQUARTZ-CX-6V-SM1 Datasheet
100Kb / 2P
   CX MINIATURE CRYSTALS
CX-1H-SM EUROQUARTZ-CX-1H-SM Datasheet
118Kb / 2P
   CX MINIATURE CRYSTALS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com