Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D53TP50CH-10 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # D53TP50CH-10
Description  53TP Series IP20
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

D53TP50CH-10 Datasheet(HTML) 2 Page - Crydom Inc.,

  D53TP50CH-10 Datasheet HTML 1Page - Crydom Inc., D53TP50CH-10 Datasheet HTML 2Page - Crydom Inc., D53TP50CH-10 Datasheet HTML 3Page - Crydom Inc., D53TP50CH-10 Datasheet HTML 4Page - Crydom Inc., D53TP50CH-10 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
INPUT SPECIFICATIONS (1)
C53
D53
Description
Control Voltage Range
4-32 VDC
180-260 Vrms
Minimum Turn-On Voltage
4.0 VDC
180
Minimum Turn-Off Voltage
1.0 VDC
10
Minimum Input Current (for on-state)
24 mA
7.0 mA
Maximum Input Current
35 mA
20 mA
Nominal Input Impedance
Current Regulated
Current Regulated
Maximum Turn-On Time [msec] (5)
8.33
20
8.33
B53
90-140 VDC
90
10
7.0 mA
16 mA
Current Regulated
20
30
30
E53
18-36 VAC
18
2
15 mA
20 mA
Current Regulated
20
30
GENERAL SPECIFICATIONS (1)
Description
Dielectric Strength, Input/Output/Base (50/60Hz)
Minimum Insulation Resistance (@ 500 V DC)
Maximum Capacitance, Input/Output
Ambient Operating Temperature Range
Ambient Storage Temperature Range
Weight (typical)
Encapsulation
Terminals
Screws and Saddle clamps
Input Terminal Screw Torque Range:[in lbs/Nm]
Output Terminal Screw Torque Range:[in lbs/Nm]
Parameters
4000 Vrms
109 Ohms
8 pF
-40ºC to 80ºC
-40ºC to 125ºC
13.1 oz (370g)
NA
Hardware Furnished, mounted
Zinc plated Steel
8-10 / 0.9-1.1
15-20 / 1.7-2.2
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
3) Heat sinking required, see page 3 for derating curves.
4) At 40°C Ambient temperature.
5) Turn-on time for Random turn-on versions is 0.02 msec (DC Control Models)
DataSheet
Panel Mount
Maximum Turn-Off Time [msec]
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
MECHANICAL SPECIFICATIONS
4.0 [101.3]
3.6 [92.0]
3.2 [79.7]
1.87 [47.6]
1.5 [38.6]
0.8 [19.3]
0.2 [5.1]
6/T3
4/T2
2/T1
5/L3
3/L2
1/L1
1.45 [36.83]
4.09 [103.9]


Similar Part No. - D53TP50CH-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D53TP50C CRYDOM-D53TP50C Datasheet
678Kb / 5P
   PANEL MOUNT
D53TP50C CRYDOM-D53TP50C Datasheet
673Kb / 5P
   panel mount
More results

Similar Description - D53TP50CH-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D53TP50D-10 CRYDOM-D53TP50D-10 Datasheet
679Kb / 6P
   53TP Series IP00
D53TP25D-10 CRYDOM-D53TP25D-10 Datasheet
679Kb / 6P
   53TP Series IP00
logo
PHOENIX CONTACT
1404347 PHOENIX-1404347 Datasheet
324Kb / 8P
   VS-IP20-IP20-93E/0,3 - Network cable
1404356 PHOENIX-1404356 Datasheet
335Kb / 8P
   VS-IP20-IP20-94C/10 - Network cable
1404350 PHOENIX-1404350 Datasheet
330Kb / 9P
   VS-IP20-IP20-93E/1,5 - Network cable
1416131 PHOENIX-1416131 Datasheet
115Kb / 6P
   Network cable - VS-IP20-IP20-93B-LI/2,0
09/11/2020
logo
Weidmuller
2665820000 WEIDMULLER-2665820000 Datasheet
142Kb / 3P
   Industrial PC, IP20
November 4, 2021
2676340000 WEIDMULLER-2676340000 Datasheet
144Kb / 2P
   Industrial PC, IP20
November 4, 2021
2676380000 WEIDMULLER-2676380000 Datasheet
141Kb / 2P
   Industrial PC, IP20
November 4, 2021
logo
PHOENIX CONTACT
1418879 PHOENIX-1418879 Datasheet
281Kb / 7P
   Patch cable - VS-IP20/10G-IP20/10G-94F/5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com