Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL240D10R Datasheet(PDF) 1 Page - Crydom Inc.,

Part # CL240D10R
Description  CL Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CL240D10R Datasheet(HTML) 1 Page - Crydom Inc.,

  CL240D10R Datasheet HTML 1Page - Crydom Inc., CL240D10R Datasheet HTML 2Page - Crydom Inc., CL240D10R Datasheet HTML 3Page - Crydom Inc., CL240D10R Datasheet HTML 4Page - Crydom Inc., CL240D10R Datasheet HTML 5Page - Crydom Inc., CL240D10R Datasheet HTML 6Page - Crydom Inc., CL240D10R Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CL Series
Ratings from 5 A and 10 A @ 24-280 VAC
Triac Output
LED Status Indicator
UL Approved, CE Compliant to EN60950-1
Improved SEMS screw and washer
Redesigned housing with anti-rotation barriers
For Generation 3 datasheet click here
AC or DC control
EMC Compliant to Level 3
Epoxy Free Design
PRODUCT SELECTION
Control Voltage
5 A
3-32 VDC
CL240D05
90-250 VAC
CL240A05
10 A
CL240D10
CL240A10
AVAILABLE OPTIONS
Not all part number combinations are available.
Contact Crydom Technical Support for information on
the availability of a specific part number.
*
Required for valid part number
For options only and not required for valid part number
Series
Load Voltage
240: 24-280 VAC
Control Voltage
A: 90-250 VAC
D: 3-32 VDC
Switching Type
Blank: Zero Voltage
Turn-On
R: Instantaneous Turn-On
Rated Load Current
05: 5 Amps
10: 10 Amps
Cover
Blank: Not Included (IP00)
C: Included (IP20)
Thermal Pad
Blank: Not Included
H: Included
CL
A
10
R
C
240
H
Termination
Blank: Screws & clamps
K: Installed standoffs with
screws for PC Board
mounting (IP00 only) (1)
K
OUTPUT SPECIFICATIONS (2)
Description
5 A
Operating Voltage (47-63Hz) [Vrms]
24-280
Transient Overvoltage [Vpk] (3)
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
7
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec]
500
Maximum Load Current [Arms] (4)
5
Minimum Load Current [mArms]
150
Maximum 1 Cycle Surge Current (50/60Hz)[Apk]
84/100
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
Thermal Resistance Junction to Case (Rjc) [°C/W]
2.3
Maximum 1/2 Cycle I² t for Fusing (50/60Hz)[A²sec]
35/42
Minimum Power Factor (with Maximum Load)
0.5
10 A
24-280
600
7
500
10
150
120/126
1.5
2.3
72/66
0.5
Minimum Heat Sink for Rated Current @ 40°C [°C/W]
3
1.5
INPUT SPECIFICATIONS (2)
Description
AC Control
Control Voltage Range
90-250 VAC
Maximum Reverse Voltage
-
Minimum Turn-On Voltage
90 VAC
Must Turn-Off Voltage
10 VAC
Minimum Input Current (for on-state)
6 mA
Maximum Input Current
10 mA
Nominal Input Impedance
Current Limited
Maximum Turn-On Time [msec]
20
Maximum Turn-Off Time [msec]
30
DC Control
3-32 VDC (5)
-32 VDC
3 VDC
1 VDC
10 mA
14 mA
Current Limited
1/2 Cycle (6)
1/2 Cycle
Do not forget to visit us at: www.crydom.com
Copyright © 2016 Crydom Inc. Specifications subject to change without notice.
Datasheet
Panel Mount


Similar Part No. - CL240D10R

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CL240D10 CRYDOM-CL240D10 Datasheet
673Kb / 5P
   Ratings of 5A and10A @ 24-280 VAC UL Approved, CE and RoHS Compliant AC or DC control
CL240D10 CRYDOM-CL240D10 Datasheet
738Kb / 5P
   panel mount
logo
Sensata Technologies, I...
CL240D10 SENSATA-CL240D10 Datasheet
3Mb / 5P
   PANEL MOUNT
More results

Similar Description - CL240D10R

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SHTS-6 MAJOR-LEAGUE-SHTS-6 Datasheet
76Kb / 1P
   .050" cl x .100" cl Shrouded Header Straight
logo
Seoul Semiconductor
IDS-6 SEOUL-IDS-6 Datasheet
98Kb / 2P
   .050" cl x .100" cl Insulation Displacement Socket
logo
Major League Electronic...
IDS-5 MAJOR-LEAGUE-IDS-5 Datasheet
74Kb / 1P
   .050" cl x .050" cl Insulation Displacement Socket
SH-1 MAJOR-LEAGUE-SH-1 Datasheet
101Kb / 2P
   .100 cl Shunts
SHTSL-5 MAJOR-LEAGUE-SHTSL-5 Datasheet
63Kb / 1P
   .050" cl x .050" cl Latching Shrouded Header - Straight
SHTSLR-5 MAJOR-LEAGUE-SHTSLR-5 Datasheet
66Kb / 1P
   .050" cl x .050" cl Latching Shrouded Header - Straight
SH-2 MAJOR-LEAGUE-SH-2 Datasheet
318Kb / 2P
   .079 cl Shunts
logo
OSRAM GmbH
KWC2L5L1.TE OSRAM-KWC2L5L1.TE Datasheet
980Kb / 21P
   OSLON Submount CL
logo
Major League Electronic...
SHTSL-6 MAJOR-LEAGUE-SHTSL-6 Datasheet
66Kb / 2P
   .050" cl x .100" cl Latching Shrouded Header - Straight
SHTSLSM-5 MAJOR-LEAGUE-SHTSLSM-5 Datasheet
67Kb / 1P
   .050" cl x .050" cl Latching Shrouded Header - Straight
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com