Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP90CA Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # 5KP90CA
Description  Voltage 5.0V ~ 250V 5000W Peak Power TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

5KP90CA Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  5KP90CA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 5KP90CA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 5KP90CA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 5KP90CA Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
5KP SERIES
Voltage 5.0V ~ 250V
5000W Peak Power TVS
06-Jul-2015 Rev.A
Page 3 of 4
TYPICAL CHARACTERISTICS
FIG1- TVS Transients Clamping Waveform
FIG2 - Peak Pulse Power Rating Curve
FIG3 - Pulse Derating Curve
FIG 4 - Pulse Waveform
FIG5 - Typical Junction Capacitance
FIG6 - Steady State Power Derating Curve


Similar Part No. - 5KP90CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP90CA LUGUANG-5KP90CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP90CA SURGE-5KP90CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
CHENG-YI ELECTRONIC CO....
5KP90CA CHENG-YI-5KP90CA Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
5KP90CA SUNMATE-5KP90CA Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Shenzhen Luguang Electr...
5KP90CA LUGUANG-5KP90CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP90CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
   5000W Peak Power TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
logo
GOOD-ARK Electronics
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
Bruckewell Technology L...
5KP_A BWTECH-5KP_A Datasheet
524Kb / 7P
   5000W Peak Pulse Power
logo
SeCoS Halbleitertechnol...
5SMDJ SECOS-5SMDJ Datasheet
195Kb / 4P
   11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
logo
Will Semiconductor Ltd.
SPD85582C WILLSEMI-SPD85582C Datasheet
240Kb / 3P
   1-Line, 5000W, TVS
logo
SeCoS Halbleitertechnol...
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
   200W Peak Power TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com