Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5SMDJ110A Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # 5SMDJ110A
Description  11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

5SMDJ110A Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  5SMDJ110A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 5SMDJ110A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 5SMDJ110A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 5SMDJ110A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5SMDJ Series
11V ~ 190V
5000W Peak Power Surface Mount TVS
Elektronische Bauelemente
23-Mar-2012 Rev. A
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVE


Similar Part No. - 5SMDJ110A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5SMDJ11A SECOS-5SMDJ11A Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
More results

Similar Description - 5SMDJ110A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
   5000W Peak Power TVS
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
   Elektronische Bauelemente
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
   Elektronische Bauelemente
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
   Elektronische Bauelemente
BC856AW SECOS-BC856AW_15 Datasheet
449Kb / 5P
   Elektronische Bauelemente
BC556 SECOS-BC556 Datasheet
313Kb / 3P
   Elektronische Bauelemente
BC546 SECOS-BC546 Datasheet
183Kb / 3P
   Elektronische Bauelemente
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com