Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5SMDJ78A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # 5SMDJ78A
Description  11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

5SMDJ78A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  5SMDJ78A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 5SMDJ78A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 5SMDJ78A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 5SMDJ78A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5SMDJ Series
11V ~ 190V
5000W Peak Power Surface Mount TVS
Elektronische Bauelemente
23-Mar-2012 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL RATINGS (TA=25°C unless otherwise specified)
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Test
Current
Maximum
Clamping Voltage
Peak Pulse
Current
Reverse
Leakage
VRWM
VBR@IT
IT
VC@IPP
IPP
IR @VRWM
Min.
Max.
Uni
-direction
Bi
-direction
V
V
V
mA
V
A
µ
A
5SMDJ90A
5SMDJ90CA
90
100
111
1
146
34.59
5
5SMDJ100A
5SMDJ100CA
100
111
123
1
162
31.17
5
5SMDJ110A
5SMDJ110CA
110
122
135
1
177
28.53
5
5SMDJ120A
5SMDJ120CA
120
133
147
1
193
26.17
5
5SMDJ130A
5SMDJ130CA
130
144
159
1
209
24.16
5
5SMDJ140A
5SMDJ140CA
140
155
171
1
226.8
22.27
5
5SMDJ150A
5SMDJ150CA
150
167
185
1
243
20.78
5
5SMDJ160A
5SMDJ160CA
160
178
197
1
259
19.5
5
5SMDJ170A
5SMDJ170CA
170
189
209
1
275
18.36
5
5SMDJ180A
5SMDJ180CA
180
200
220
1
291.6
17.32
5
5SMDJ190A
5SMDJ190CA
190
211
232
1
307.8
16.41
5
Note:
1.
Suffix ’A’ denotes 5% tolerance device. Without ‘A’ denotes 10% tolerance device.
2.
Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices.
3.
For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .


Similar Part No. - 5SMDJ78A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
5SMDJ BENCENT-5SMDJ Datasheet
297Kb / 5P
   Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
5SMDJ11A SECOS-5SMDJ11A Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
5SMDJ12A SECOS-5SMDJ12A Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
5SMDJ13A SECOS-5SMDJ13A Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
5SMDJ14A SECOS-5SMDJ14A Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
More results

Similar Description - 5SMDJ78A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
   5000W Peak Power TVS
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
   Elektronische Bauelemente
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
   Elektronische Bauelemente
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
   Elektronische Bauelemente
BC856AW SECOS-BC856AW_15 Datasheet
449Kb / 5P
   Elektronische Bauelemente
BC556 SECOS-BC556 Datasheet
313Kb / 3P
   Elektronische Bauelemente
BC546 SECOS-BC546 Datasheet
183Kb / 3P
   Elektronische Bauelemente
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com