Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP18A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 5KP18A
Description  Voltage 5.0V ~ 250V 5000W Peak Power TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

5KP18A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  5KP18A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 5KP18A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 5KP18A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 5KP18A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
5KP SERIES
Voltage 5.0V ~ 250V
5000W Peak Power TVS
06-Jul-2015 Rev.A
Page 2 of 4
ELECTRICAL CHARACTERISTIC(T
A=25°C unless otherwise noted)
BREAKDOWN
VOLTAGE
@IT
PART
NUMBER
REVERSE
STANDOFF
VOLTAGE
MIN
MAX
TEST
CURRENT
MAX
CLAMPING
VOLTAGE
VC@IPP
PEAK
PULSE
CURRENT
REVERSE
LEAKAGE
IR@VRRM
DIRECTIONAL
VR
VBR
VBR
IT
VC
IPP
IR
UNI
BI
V
V
V
mA
V
A
uA
5KP5.0A
5KP5.0CA
5
6.4
7
50
9.2
554.3
5000
5KP6.0A
5KP6.0CA
6
6.67
7.37
50
10.3
495.1
5000
5KP6.5A
5KP6.5CA
6.5
7.22
7.98
50
11.2
455.4
2000
5KP7.0A
5KP7.0CA
7
7.78
8.6
50
12
425
1000
5KP7.5A
5KP7.5CA
7.5
8.33
9.21
5
12.9
395.3
250
5KP8.0A
5KP8.0CA
8
8.89
9.83
5
13.6
375
150
5KP8.5A
5KP8.5CA
8.5
9.44
10.4
5
14.4
354.2
50
5KP9.0A
5KP9.0CA
9
10
11.1
5
15.4
331.2
20
5KP10A
5KP10CA
10
11.1
12.3
5
17
300
15
5KP11A
5KP11CA
11
12.2
13.5
5
18.2
280.2
2
5KP12A
5KP12CA
12
13.3
14.7
5
19.9
256.3
2
5KP13A
5KP13CA
13
14.4
15.9
5
21.5
237.2
2
5KP14A
5KP14CA
14
15.6
17.2
5
23.2
219.8
2
5KP15A
5KP15CA
15
16.7
18.5
5
24.4
209
2
5KP16A
5KP16CA
16
17.8
19.7
5
26
196.2
2
5KP17A
5KP17CA
17
18.9
20.9
5
27.6
184.8
2
5KP18A
5KP18CA
18
20
22.1
5
29.2
174.7
2
5KP20A
5KP20CA
20
22.2
24.5
5
32.4
157.4
2
5KP22A
5KP22CA
22
24
26.9
5
35.5
143.7
2
5KP24A
5KP24CA
24
26.7
29.5
5
38.9
131.1
2
5KP26A
5KP26CA
26
28.9
31.9
5
42.1
121.1
2
5KP28A
5KP28CA
28
31.1
34.4
5
45.4
112.3
2
5KP30A
5KP30CA
30
33.3
36.8
5
48.4
105.4
2
5KP33A
5KP33CA
33
36.7
40.6
5
53.3
95.7
2
5KP36A
5KP36CA
36
40
44.2
5
58.1
87.8
2
5KP40A
5KP40CA
40
44.4
49.1
5
64.5
79.1
2
5KP43A
5KP43CA
43
47.8
52.8
5
69.4
73.5
2
5KP45A
5KP45CA
45
50
55.3
5
72.7
70.2
2
5KP48A
5KP48CA
48
53.3
58.9
5
77.4
65.9
2
5KP51A
5KP51CA
51
56.7
62.7
5
82.4
61.9
2
5KP54A
5KP54CA
54
60
66.3
5
87.1
58.6
2
5KP58A
5KP58CA
58
64.4
71.2
5
93.6
54.5
2
5KP60A
5KP60CA
60
66.7
73.7
5
96.8
52.7
2
5KP64A
5KP64CA
64
71.1
78.6
5
103
49.5
2
5KP70A
5KP70CA
70
77.8
86
5
113
45.1
2
5KP75A
5KP75CA
75
83.3
92.1
5
121
42.1
2
5KP78A
5KP78CA
78
86.7
95.8
5
126
40.5
2
5KP85A
5KP85CA
85
94.4
104
5
137
37.2
2
5KP90A
5KP90CA
90
100
111
5
146
34.9
2
5KP100A
5KP100CA
100
111
123
5
162
31.5
2
5KP110A
5KP110CA
110
122
135
5
177
28.8
2
5KP120A
5KP120CA
120
133
147
5
193
26.4
2
5KP130A
5KP130CA
130
144
159
5
209
24.4
2
5KP150A
5KP150CA
150
167
185
5
243
21
2
5KP160A
5KP160CA
160
178
197
5
259
19.7
2
5KP170A
5KP170CA
170
189
209
5
275
18.5
2
5KP180A
5KP180CA
180
200
221
5
292
17.5
2
5KP190A
5KP190CA
190
211
233
5
310
16.5
2
5KP200A
5KP200CA
200
222
246
5
329.2
15.5
2
5KP210A
5KP210CA
210
233
258
5
349.5
14.6
2
5KP220A
5KP220CA
220
244
270
5
371.1
13.7
2
5KP250A
5KP250CA
250
277
306
5
425
12
2
Notes:
1.
For parts without A , the VBR is + 10% and VC is 5% higher than with A parts.
2.
For bidirectional type having VR of 10 volts and less, the IR limit is double.


Similar Part No. - 5KP18A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5KP18A VISHAY-5KP18A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Surge Components
5KP18A SURGE-5KP18A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Microdiode Electronics ...
5KP18A CHENDA-5KP18A Datasheet
838Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP18A LUGUANG-5KP18A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Won-Top Electronics
5KP18A WTE-5KP18A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP18A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
   5000W Peak Power TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
logo
GOOD-ARK Electronics
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
Bruckewell Technology L...
5KP_A BWTECH-5KP_A Datasheet
524Kb / 7P
   5000W Peak Pulse Power
logo
SeCoS Halbleitertechnol...
5SMDJ SECOS-5SMDJ Datasheet
195Kb / 4P
   11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
logo
Will Semiconductor Ltd.
SPD85582C WILLSEMI-SPD85582C Datasheet
240Kb / 3P
   1-Line, 5000W, TVS
logo
SeCoS Halbleitertechnol...
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
   200W Peak Power TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com