Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9538BS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9538BS
Description  8-bit I2C and SMBus low power I/O port with interrupt and reset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9538BS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9538BS Datasheet HTML 5Page - NXP Semiconductors PCA9538BS Datasheet HTML 6Page - NXP Semiconductors PCA9538BS Datasheet HTML 7Page - NXP Semiconductors PCA9538BS Datasheet HTML 8Page - NXP Semiconductors PCA9538BS Datasheet HTML 9Page - NXP Semiconductors PCA9538BS Datasheet HTML 10Page - NXP Semiconductors PCA9538BS Datasheet HTML 11Page - NXP Semiconductors PCA9538BS Datasheet HTML 12Page - NXP Semiconductors PCA9538BS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9538
8-bit I2C and SMBus low power I/O port
with interrupt and reset
2004 Oct 05
9
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
–0.5
6.0
V
II
DC input current
±20
mA
VI/O
DC voltage on an I/O
VSS – 0.5
5.5
V
II/O
DC output current on an I/O
±50
mA
IDD
Supply current
85
mA
ISS
Supply current
100
mA
Ptot
Total power dissipation
200
mW
Tstg
Storage temperature range
–65
+150
°C
Tamb
Operating ambient temperature
–40
+85
°C
TJ(MAX)
Maximum junction temperature
+125
°C


Similar Part No. - PCA9538BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9538BS NXP-PCA9538BS Datasheet
169Kb / 28P
   8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
More results

Similar Description - PCA9538BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
   8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9537 PHILIPS-PCA9537 Datasheet
163Kb / 17P
   4-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Nov 29
PCA9539 PHILIPS-PCA9539 Datasheet
168Kb / 21P
   16-bit I2C and SMBus, low power I/O port with interrupt and reset
2004 Sep 30
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9534 PHILIPS-PCA9534 Datasheet
146Kb / 17P
   8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
PCA9537 NXP-PCA9537 Datasheet
143Kb / 24P
   4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
   16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
PCA9537DP.118 NXP-PCA9537DP.118 Datasheet
143Kb / 24P
   4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCAL9538A NXP-PCAL9538A Datasheet
2Mb / 43P
   Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, reset and Agile I/O
Rev. 2-10 December 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com