Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9818B-49GVL Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9818B-49GVL
Description  Micro-Power Voltage Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9818B-49GVL Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9818B-49GVL Datasheet HTML 4Page - Richtek Technology Corporation RT9818B-49GVL Datasheet HTML 5Page - Richtek Technology Corporation RT9818B-49GVL Datasheet HTML 6Page - Richtek Technology Corporation RT9818B-49GVL Datasheet HTML 7Page - Richtek Technology Corporation RT9818B-49GVL Datasheet HTML 8Page - Richtek Technology Corporation RT9818B-49GVL Datasheet HTML 9Page - Richtek Technology Corporation RT9818B-49GVL Datasheet HTML 10Page - Richtek Technology Corporation RT9818B-49GVL Datasheet HTML 11Page - Richtek Technology Corporation RT9818B-49GVL Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RT9818
8
DS9818-11 August 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Power Down Reset Time-Out vs. Temperature
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
RT9818G-31
Power Down Reset Time-Out vs. Temperature
0
5
10
15
20
25
30
-50
-25
0
255075
100
125
Temperature (°C)
VDROP = 200mV
VDROP = 150mV
VDROP = 250mV
RT9818G-31
Output Voltage vs. Input Voltage
0
1
2
3
4
5
6
7
01
234
5
6
Input Voltage (V)
RT9818G-31
Threshold Voltage vs. Temperature
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
-50
-25
0
25
50
75
100
125
Temperature (
C)
Rising
Falling
RT9818C-22
Threshold Voltage vs. Temperature
4.00
4.05
4.10
4.15
4.20
4.25
4.30
4.35
4.40
-50
-25
0
255075
100
125
Temperature (
C)
Rising
Falling
RT9818A-42


Similar Part No. - RT9818B-49GVL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9818B-49GVL RICHTEK-RT9818B-49GVL Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
More results

Similar Description - RT9818B-49GVL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
   Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_11 Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_13 Datasheet
239Kb / 13P
   Micro-Power Voltage Detectors
logo
List of Unclassifed Man...
RT9808 ETC-RT9808 Datasheet
200Kb / 12P
   MICRO POWER VOLTAGE DETECTORS
RT9809 ETC-RT9809 Datasheet
142Kb / 6P
   MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com