Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN10H-44P-2.54DSA Datasheet(PDF) 2 Page - Hirose Electric

Part # PCN10H-44P-2.54DSA
Description  Comply with IEC603-2/DIN41612 standard
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN10H-44P-2.54DSA Datasheet(HTML) 2 Page - Hirose Electric

  PCN10H-44P-2.54DSA Datasheet HTML 1Page - Hirose Electric PCN10H-44P-2.54DSA Datasheet HTML 2Page - Hirose Electric PCN10H-44P-2.54DSA Datasheet HTML 3Page - Hirose Electric PCN10H-44P-2.54DSA Datasheet HTML 4Page - Hirose Electric PCN10H-44P-2.54DSA Datasheet HTML 5Page - Hirose Electric PCN10H-44P-2.54DSA Datasheet HTML 6Page - Hirose Electric PCN10H-44P-2.54DSA Datasheet HTML 7Page - Hirose Electric PCN10H-44P-2.54DSA Datasheet HTML 8Page - Hirose Electric PCN10H-44P-2.54DSA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
A30
sProduct Specifications
sOrdering Information
PCN10
A – * P – 2.54 DS
sMaterial
1
2
4
3
5
6
100V DC
1000V AC (insulation displacement, crimping type: 650V AC) /1 minute.
0.1A
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
96 hours at temperature of 40ç and humidity of 90% to 95%
500 cycles
Manual soldering: 300ç for 3 seconds
106M ohms
No flashover or insulation breakdown.
20m ohms max.
No electrical discontinuity of 10µs or more
Insulation resistance : 106M ohms min.
Contact resistance : 20m ohms max.
No deformation of components affecting performance.
No damage, cracks, or parts looseness.
(-65ç : 30 minutes¡15 to 35ç: 5 minutes max.¡
125ç : 30 minutes¡15 to 35ç: 5 minutes max.) 5 cycles
1.Insulation Resistance
2.Withstanding Voltage
3.Contact Resistance
4.Vibration
5.Humidity(Steady state)
6.Temperature Cycle
7.Durability (Mating/un-mating)
8.Resistance to Soldering heat
Item
Specification
Condition
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Parts
Material
Finish
Remarks
Contact
Insulator
Pin header
Receptacle
PBT
Brass
Copper alloy
Gray
Contact area: Gold plated
Remainer: Tin-lead plated
UL94V-0
---------------
---------------
Rating
Current rating: 2A
Voltage rating: 300V AC
Operating Temperature Range: -55 to +85ç (Note 1)
Operating Humidity Range: 85% max
Storage Temperature Range: -10 to +60ç (Note 2)
Storage Humidity Range: 40 to 70% (Note 2)
qPCN 10 Series
Series Name
: PCN10
Blank
A
mold type (as listed below)
B
C : Flux prevention type (DSA only)
D : Rack installation type
EA : With Board prefixed lock pin
H : Stacking height 35mm type
HA : Stacking height 30mm type
HB : Stacking height 25mm type
HC : Stacking height 45mm type
HD : Stacking height 40mm type
MC : Circuit Protection function type
Connector type
: P
: Pin header
: S
: Receptacle
Contact pitch
: 2.54mm
Contact type
DS
: Right angle through hole type
DSA : Straight through hole type
WA : Wrapping type (0.5tx0.7W)
WB : Wrapping type (0.5tx0.5W)
R
: Insulation displacement type
C
: Crimping type
Number of contacts: 2-row : 16, 20, 24, 32, 44, 50, 64, 90, 100
3-row : 48, 96, 144
4-row : 128
1
2
3
4
5
6
}
*
*
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - PCN10H-44P-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN10H-44P-2.54DSA HIROSE-PCN10H-44P-2.54DSA Datasheet
2Mb / 9P
   Product Compliant to DIN41612/IEC603-2 Standard
More results

Similar Description - PCN10H-44P-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN10-16P-2.54DS HIROSE-PCN10-16P-2.54DS Datasheet
2Mb / 9P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN13-10S-2.54DSA HIROSE-PCN13-10S-2.54DSA Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
logo
FCI connector
8609XXX7313XX5 FCI-CONNECTOR-8609XXX7313XX5 Datasheet
214Kb / 1P
   DIN STANDARD HEADER(ANGLED SPILL DIN41612 STYLE-C/2)
logo
jb Capacitors Company
JCZ JBCAPACITORS-JCZ Datasheet
333Kb / 3P
   Comply with the RoHS directive
logo
Delta Electronics, Inc.
GPS-450AA-100 DELTA-GPS-450AA-100 Datasheet
154Kb / 1P
   Comply with Intel ATX12V 2.0
logo
Bothhand USA, LP.
VP6018RZM-HF BOTHHAND-VP6018RZM-HF Datasheet
102Kb / 2P
   Comply with ROHS & Halogen Free requirements.
TS21AY-HF BOTHHAND-TS21AY-HF Datasheet
232Kb / 2P
   Comply with ROHS & Halogen Free requirements
VP6014M-HF BOTHHAND-VP6014M-HF Datasheet
269Kb / 2P
   Comply with ROHS & Halogen Free requirements.
TS8121CM-HF BOTHHAND-TS8121CM-HF Datasheet
88Kb / 2P
   Comply with ROHS & Halogen Free requirements.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com