Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9819A-49GU3 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9819A-49GU3
Description  Micro-Power Voltage Detectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9819A-49GU3 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9819A-49GU3 Datasheet HTML 1Page - Richtek Technology Corporation RT9819A-49GU3 Datasheet HTML 2Page - Richtek Technology Corporation RT9819A-49GU3 Datasheet HTML 3Page - Richtek Technology Corporation RT9819A-49GU3 Datasheet HTML 4Page - Richtek Technology Corporation RT9819A-49GU3 Datasheet HTML 5Page - Richtek Technology Corporation RT9819A-49GU3 Datasheet HTML 6Page - Richtek Technology Corporation RT9819A-49GU3 Datasheet HTML 7Page - Richtek Technology Corporation RT9819A-49GU3 Datasheet HTML 8Page - Richtek Technology Corporation RT9819A-49GU3 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT9819
3
DS9819-08
July 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Terminal Voltage (with Respect to GND)
VDD ----------------------------------------------------------------------------------------------------------------------
0.3V to 6V
All Other Inputs ------------------------------------------------------------------------------------------------------
0.3V to (VDD + 0.3V)
Input Current, IVDD --------------------------------------------------------------------------------------------------- 20mA
Power Dissipation, PD @ TA = 25
°C
SC-70-3/SC-82 ------------------------------------------------------------------------------------------------------- 0.25W
SOT-23-3 -------------------------------------------------------------------------------------------------------------- 0.4W
WDFN-6L 1.6x1.6 --------------------------------------------------------------------------------------------------- 1.7W
Package Thermal Resistance (Note 2)
SC-70-3/SC-82,
θJA ------------------------------------------------------------------------------------------------- 400°C/W
SOT-23-3,
θJA --------------------------------------------------------------------------------------------------------- 250°C/W
WDFN-6L 1.6x1.6,
θJA ---------------------------------------------------------------------------------------------- 58.5°C/W
Lead Temperature (Soldering, 10sec.) -------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------
65°C to 125°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Junction Temperature Range --------------------------------------------------------------------------------------
40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
40°C to 85°C
(VDD = 3V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RT9819A/B/C/D
0.9
--
6
Operating VDD (VOUT) Range
VDD
RT9819E/F/G/H
1.1
--
6
V
Supply Current
IDD
VTH = 3V , VDD = 4.5V
--
3
8
μA
Reset Threshold
VTH
--
1.2 to 5
--
V
Threshold Voltage Accuracy
ΔVTH
−1.5
--
1.5
%
Threshold Voltage Hysteresis
VHYS
--
0.01 VTH
--
V
VDD Drop to Reset Delay
tRD
Drop = VTH −125mV
--
20
--
μs
RT9819A/E
--
0
--
ms
RT9819B/F
35
55
75
ms
RT9819C/G
143
220
297
ms
Reset Active
Time Out Period
RT9819D/H
tRP
VDD ≥ 1.02 × VTH
292
450
608
ms


Similar Part No. - RT9819A-49GU3

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9819A-49GU3 RICHTEK-RT9819A-49GU3 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
More results

Similar Description - RT9819A-49GU3

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
   Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_11 Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_16 Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
logo
List of Unclassifed Man...
RT9808 ETC-RT9808 Datasheet
200Kb / 12P
   MICRO POWER VOLTAGE DETECTORS
RT9809 ETC-RT9809 Datasheet
142Kb / 6P
   MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com