Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5477-MAX5479 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX5477-MAX5479
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5477-MAX5479 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
6
_______________________________________________________________________________________
-0.10
-0.08
-0.04
0
0.02
0.06
0.10
064
32
96
128 160 192 224 256
DIFFERENTIAL NONLINEARITY
vs. CODE (VRM MODE)
CODE
-0.06
-0.02
0.08
0.04
MAX5478
-0.20
-0.12
-0.16
-0.04
-0.08
0.04
0
0.08
0.16
0.12
0.20
064
96
32
128 160 192 224 256
INTEGRAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5479
-0.14
-0.02
-0.04
-0.06
-0.08
-0.10
-0.12
0
0.04
0.02
0.10
0.08
0.12
0.06
0.14
064
32
96
128 160
192 224
256
DIFFERENTIAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5479
-0.20
-0.12
-0.16
-0.04
-0.08
0.04
0
0.08
0.16
0.12
0.20
064
96
32
128 160 192 224 256
INTEGRAL NONLINEARITY
vs. CODE (VRM MODE)
CODE
MAX5479
-0.20
-0.12
-0.16
-0.04
-0.08
0.04
0
0.08
0.16
0.12
0.20
064
96
32
128 160 192 224 256
DIFFERENTIAL NONLINEARITY
vs. CODE (VRM MODE)
CODE
MAX5479
CROSSTALK vs. FREQUENCY (MAX5478)
FREQUENCY (kHz)
100
10
1
0.1
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
0.01
1000
CW_ = 10pF
TAP = 0
CROSSTALK vs. FREQUENCY (MAX5479)
FREQUENCY (kHz)
1000
100
10
1
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
0.1
10,000
CW_ = 10pF
TAP = 128
Typical Operating Characteristics (continued)
(VDD = +5V, H_ = VDD, L_ = GND, TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn