Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1578 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1578
Description  Complete Bias and White LED Power Supplies for Small TFT Displays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1578 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1578 Datasheet HTML 2Page - Maxim Integrated Products MAX1578 Datasheet HTML 3Page - Maxim Integrated Products MAX1578 Datasheet HTML 4Page - Maxim Integrated Products MAX1578 Datasheet HTML 5Page - Maxim Integrated Products MAX1578 Datasheet HTML 6Page - Maxim Integrated Products MAX1578 Datasheet HTML 7Page - Maxim Integrated Products MAX1578 Datasheet HTML 8Page - Maxim Integrated Products MAX1578 Datasheet HTML 9Page - Maxim Integrated Products MAX1578 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Complete Bias and White LED Power Supplies
for Small TFT Displays
6
_______________________________________________________________________________________
-5.0
-3.5
-4.0
-4.5
-3.0
-2.5
-2.0
-1.5
-1.0
POS
NEG
-0.5
0
040
20
60
80
100
POS AND NEG LOAD REGULATION
LOAD CURRENT (
µA)
-0.6
-0.4
-0.5
-0.2
-0.3
-0.1
0
025
MAIN OUTPUT LOAD REGULATION
LOAD CURRENT (mA)
10
515
20
PIN
NAME
FUNCTION
1
MAIN
LDO Output and the POS and NEG Charge-Pump Inputs. VMAIN is regulated to 5V. Bypass to GND
with a 1µF capacitor. Output is internally discharged with a 1k
Ω resistor when VONBIAS = 0V.
2
CU1
POS Charge-Pump Capacitor Connection 1. Connect a 1µF capacitor between CU1 and PMP.
3
CU2
POS Charge-Pump Capacitor Connection 2. Connect a 1µF capacitor between CU2 and PMPB.
4
CU3
POS Charge-Pump Capacitor Connection 3. Connect a 1µF capacitor between CU3 and GND.
5
POS
Output of Positive (3x) Charge Pump. Bypass POS to GND with a 1µF capacitor. POS is internally
discharged with a 3k
Ω resistor when VONBIAS = 0V.
6PMP
Charge-Pump Capacitor Connection. Connect a 1µF capacitor between PMP and CU1 and another
1µF capacitor between PMP and CD1.
7
PMPB
Charge-Pump Capacitor Connection. Connect a 1µF capacitor between PMPB and CU2 and another
1µF capacitor between PMPB and CD2. PMPB is 180
° out of phase with PMP.
8
CD1
NEG Charge-Pump Capacitor Connection 1. Connect a 1µF capacitor and a 200
Ω ±5% resistor in
series between CD1 and PMP.
9
CD2
NEG Charge-Pump Capacitor Connection 2. Connect a 1µF capacitor and a 200
Ω ±5% resistor in
series between CD2 and PMPB.
10
NEG
Output of Inverting (-2x) Charge Pump. Bypass NEG to GND with a 1µF capacitor. Output is internally
discharged with a 1.5k
Ω resistor when VONBIAS = 0V.
Pin Description
Typical Operating Characteristics (continued)
(Circuit of Figure 3, VIN = 3.6V, ILED = 20mA, 4 LEDs, CTRL = IN, TA = +25
°C, unless otherwise noted.)


Similar Part No. - MAX1578

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1578 MAXIM-MAX1578 Datasheet
265Kb / 13P
   Complete Bias and White LED Power Supplies for Small TFT Displays
2005
MAX1578ETG MAXIM-MAX1578ETG Datasheet
265Kb / 13P
   Complete Bias and White LED Power Supplies for Small TFT Displays
2005
MAX1578ETG++ MAXIM-MAX1578ETG+ Datasheet
265Kb / 13P
   Complete Bias and White LED Power Supplies for Small TFT Displays
2005
MAX1578 MAXIM-MAX1578_V01 Datasheet
265Kb / 13P
   Complete Bias and White LED Power Supplies for Small TFT Displays
2005
More results

Similar Description - MAX1578

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1578 MAXIM-MAX1578_V01 Datasheet
265Kb / 13P
   Complete Bias and White LED Power Supplies for Small TFT Displays
2005
logo
Linear Technology
LTC3450 LINER-LTC3450_15 Datasheet
196Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
LTC3450 LINER-LTC3450 Datasheet
401Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
logo
Diodes Incorporated
AP5727 DIODES-AP5727_11 Datasheet
239Kb / 10P
   BIAS POWER SUPPLY FOR OLED SUB DISPLAY AND TFT-LED
DS31887 Rev. 2 - 2
logo
Texas Instruments
LM3631 TI1-LM3631 Datasheet
1Mb / 57P
[Old version datasheet]   Complete LCD Backlight and Bias Power
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070_V01 Datasheet
791Kb / 35P
   Integrated TFT Power Supplies and LED Backlight Drivers
2017
logo
Diodes Incorporated
AP5727 DIODES-AP5727 Datasheet
420Kb / 2P
   Boost converter for the bias voltage of small size OLED and LCD displays
logo
ETA SOLUTIONS CO. LIMIT...
ETA1617 ETA-ETA1617 Datasheet
160Kb / 1P
   40V Boost Converter for LED driver / TFT Bias / USB Power
logo
Shenzhen Huazhimei Semi...
HM5666B HMSEMI-HM5666B Datasheet
1Mb / 7P
   40V Boost Converter for LED driver / TFT Bias / USB Power
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com