Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABU1513 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part No. ABU1513
Description  5 ~ 1400 MHz Wide-Band CATV Linear Amplifier MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASB [Advanced Semiconductor Business Inc.]
Homepage  http://www.asb.co.kr
Logo 

ABU1513 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
ASB Inc.
 sales@asb.co.kr
August 2017
ABU1513
6. Package Outline (SOT89, 4.5x4.0x1.5 mm)
7. Surface Mount Recommendation (In mm)
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
1.40
1.50
1.60
L
0.89
1.04
1.20
b
0.36
0.42
0.48
b1
0.41
0.47
0.53
C
0.38
0.40
0.43
D
4.40
4.50
4.60
D1
1.40
1.60
1.75
E
3.64
---
4.25
E1
2.40
2.50
2.60
e1
2.90
3.00
3.10
H
0.35
0.40
0.45
S
0.65
0.75
0.85
e
1.40
1.50
1.60
ABU1513
Pxxxx
Lot No.
Part No.
NOTE
1. The number and size of ground via holes in a
circuit board are critical for thermal and RF
grounding considerations.
2. Recommended is that the ground via holes be
placed on the bottom of the lead pin 2 and
exposed pad of the device for better RF and
thermal performance, as shown in the drawing at
the left side.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn