Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABU1513 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part No. ABU1513
Description  5 ~ 1400 MHz Wide-Band CATV Linear Amplifier MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASB [Advanced Semiconductor Business Inc.]
Homepage  http://www.asb.co.kr
Logo 

ABU1513 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10/12
ASB Inc.
 sales@asb.co.kr
August 2017
ABU1513
5.2
Performance Table
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
1000
1400
MHz
Noise Figure
2.6
2.8
3.0
3.4
dB
Gain
13.9
14.0
14.2
14.5
dB
S11
-18
-20
-18
-20
dB
S22
-17
-20
-18
-20
dB
Output IP31)
42
42
39
33
dBm
Output IP22)
57
dBm
Output P1dB
19
19
19
16
dBm
Current
120
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at an output power of +6 dBm/tone separated by 6 MHz.
2) OIP2 is measured with two tones (F1 = 400 MHz + F2 = 450 MHz) at an output power of +6 dBm/tone.
5.3
Plot of S-parameter & Stability Factor
0
200
400
600
800
1000 1200 1400
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn