Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABU1513 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part No. ABU1513
Description  5 ~ 1400 MHz Wide-Band CATV Linear Amplifier MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASB [Advanced Semiconductor Business Inc.]
Homepage  http://www.asb.co.kr
Logo 

ABU1513 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
ASB Inc.
 sales@asb.co.kr
August 2017
ABU1513
1. Product Overview
1.1
General Description
ABU1513, a wide-band linear amplifier MMIC, has high linearity and low noise over a wide range of 5 ~
1400 MHz, being suitable to low return loss in the reverse (5 ~ 300 MHz) and flat gain in the forward
path (50 ~ 1400 MHz) in the fiber receiver, distribution amplifiers and drop amplifiers of CATV. The gain
slope is adjustable with the off-chip feedback circuit components. The amplifier is available in an SOT89
package and passes through the stringent 100% DC & RF test in an automated test handler.
1.2
Features
 Low-noise and high linearity
 Wide-band CATV application at 5 ~ 1400 MHz
 75  input & output matching
 Robust under hard operating conditions
 14.0 dB gain at 50 MHz
 CSO of 66 dBc, CTB of 60 dBc
@ Pout = 98 dB
V flat for NTSC 77 channels, device voltage = +5 V
 Single supply: +5 V
1.3
Applications
 CATV Reverse at 5 ~ 300 MHz
 CATV Forward at 50 ~ 1400 MHz
 Optical Node, FTTH, RFoG
1.4
Package Profile & RoHS Compliance
SOT89, 4.5x4.0 mm2, surface mount
RoHS-compliant
ABU1513 Data Sheet
5 ~ 1400 MHz Wide-band CATV Linear Amplifier MMIC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn