Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABU1513 Datasheet(PDF) 6 Page - Advanced Semiconductor Business Inc.

Part No. ABU1513
Description  5 ~ 1400 MHz Wide-Band CATV Linear Amplifier MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASB [Advanced Semiconductor Business Inc.]
Homepage  http://www.asb.co.kr
Logo 

ABU1513 Datasheet(HTML) 6 Page - Advanced Semiconductor Business Inc.

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
ASB Inc.
 sales@asb.co.kr
August 2017
ABU1513
3.4
Plots of Noise Figure and Performances with Temperature
0
50
100
150
200
250
300
Frequency (MHz)
0
1
2
3
4
5
6
-40 °C
+25 °C
+85 °C
0
50
100
150
200
250
300
Frequency (MHz)
0
5
10
15
20
-40 °C
+25 °C
+85 °C
0
50
100
150
200
250
300
Frequency (MHz)
-50
-40
-30
-20
-10
0
-40 °C
+25 °C
+85 °C
0
50
100
150
200
250
300
Frequency (MHz)
-40
-30
-20
-10
0
-40 °C
+25 °C
+85 °C
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
100
105
110
115
120
125
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
12
13
14
15
16
17
Frequency = 50 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn