Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABU1513 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part No. ABU1513
Description  5 ~ 1400 MHz Wide-Band CATV Linear Amplifier MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASB [Advanced Semiconductor Business Inc.]
Homepage  http://www.asb.co.kr
Logo 

ABU1513 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
ASB Inc.
 sales@asb.co.kr
August 2017
ABU1513
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-89-B2
3. Application: 5 ~ 300 MHz (Vdevice = +5 V)
3.1
Application Circuit & Evaluation Board
C1
C2
C3
L1
C4
R1
ABU1513
RF IN
RF OUT
Vdevice = +5 V
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ABU1513
-
-
MMIC Amplifier
ASB
C1, C2
1
F
0603
DC blocking capacitor
Murata
C3
10
F
0805
Decoupling capacitor
Murata
C4
1
F
0603
Feedback capacitor
Murata
L1
22
H
1206
RF choke inductor
Murata
R1
510

0603
Feedback resistor
Samsung


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn