Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

360-10-111-00-001101 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part No. 360-10-111-00-001101
Description  PCB CONNECTORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PREDIP [Precid-Dip Durtal SA]
Homepage  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

360-10-111-00-001101 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  360-10-111-00-001101 Datasheet HTML 1Page - Precid-Dip Durtal SA 360-10-111-00-001101 Datasheet HTML 2Page - Precid-Dip Durtal SA 360-10-111-00-001101 Datasheet HTML 3Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PCB CONNECTORS
SERIES
360
360-PP-1NN-00-001101
Single Row
2.54 mm, Slotted head
PCB header strips for wiring application with solder tail /
connecting pin
TECHNICAL SPECS.:
Insulator
Black glass filled polyester PCT-GF30-FR
Flammability
UL 94V-O
Contact
Brass CuZn36Pb3 (C36000)
Connecting pin Ø
0.5 mm
Mechanical life
Min. 100 cycles
Rated current
3 A
Contact resistance
Max. 10 m
Dielectric strength
Min. 1000 V RMS
ORDERING INFORMATION:
PP Plating code
Termination
Connecting pin
10
Gold 0.25 µm
Gold 0.25 µm
80
Tin
Tin
NN number of poles. Replace NN with the requested number of poles, e.g. 360-10-1NN-00-001101 for a double row
version with 16 pins becomes 360-10-116-00-001101.
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn