Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M40S-032203AA0 Datasheet(PDF) 4 Page - SICK AG

Part # M40S-032203AA0
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

M40S-032203AA0 Datasheet(HTML) 4 Page - SICK AG

  M40S-032203AA0 Datasheet HTML 1Page - SICK AG M40S-032203AA0 Datasheet HTML 2Page - SICK AG M40S-032203AA0 Datasheet HTML 3Page - SICK AG M40S-032203AA0 Datasheet HTML 4Page - SICK AG M40S-032203AA0 Datasheet HTML 5Page - SICK AG M40S-032203AA0 Datasheet HTML 6Page - SICK AG M40S-032203AA0 Datasheet HTML 7Page - SICK AG M40S-032203AA0 Datasheet HTML 8Page - SICK AG M40S-032203AA0 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
M40S-032203AA0, M40E-032223RB0 | M4000 Advanced
MULTIPLE LIGHT BEAM SAFETY DEVICES
Housing material
Aluminum alloy ALMGSI 0.5
Surface treatment
Powder coated
Front screen material
Polycarbonate, scratch-resistant coating
Ambient data
Enclosure rating
IP65 (EN 60529)
Ambient operating temperature
–30 °C ... +55 °C
Storage temperature
–30 °C ... +70 °C
Air humidity
15 % ... 95 %, Non-condensing
Vibration resistance
5 g, 10 Hz ... 55 Hz (IEC 60068-2-6)
Shock resistance
10 g, 16 ms (IEC 60068-2-29)
Other information
Wave length
950 nm
Classifications
ECl@ss 5.0
27272703
ECl@ss 5.1.4
27272703
ECl@ss 6.0
27272703
ECl@ss 6.2
27272703
ECl@ss 7.0
27272703
ECl@ss 8.0
27272703
ECl@ss 8.1
27272703
ECl@ss 9.0
27272703
ETIM 5.0
EC001832
ETIM 6.0
EC001832
UNSPSC 16.0901
46171620
4
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-24 18:11:25
Subject to change without notice


Similar Part No. - M40S-032203AA0

ManufacturerPart #DatasheetDescription
logo
SICK AG
M40S-032203AA0 SICK-M40S-032203AA0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Similar Description - M40S-032203AA0

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com