Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62VT08081E-DTC Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY62VT08081E-DTC
Description  32Kx8bit CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62VT08081E-DTC Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY62VT08081E-DTC Datasheet HTML 1Page - Hynix Semiconductor HY62VT08081E-DTC Datasheet HTML 2Page - Hynix Semiconductor HY62VT08081E-DTC Datasheet HTML 3Page - Hynix Semiconductor HY62VT08081E-DTC Datasheet HTML 4Page - Hynix Semiconductor HY62VT08081E-DTC Datasheet HTML 5Page - Hynix Semiconductor HY62VT08081E-DTC Datasheet HTML 6Page - Hynix Semiconductor HY62VT08081E-DTC Datasheet HTML 7Page - Hynix Semiconductor HY62VT08081E-DTC Datasheet HTML 8Page - Hynix Semiconductor HY62VT08081E-DTC Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HY62K(U,V)T08081E Series
Rev 02 / Apr. 2001
3
RECOMMENDED DC OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
HY62KT08081E
2.7
3.0/3.3
3.6
V
HY62VT08081E
3.0
3.3
3.6
V
Vcc
Power Supply
Voltage
HY62UT08081E
2.7
3.0
3.3
V
Vss
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
Vcc+0.3
V
VIL
Input Low Voltage
-0.3(1)
-
0.4
V
Note
1. VIL = -1.5V for pulse width less than 50ns
TRUTH TABLE
/CS
/WE
/OE
Mode
I/O Operation
H
X
X
Standby
High-Z
L
H
H
Output Disabled
High-Z
L
H
L
Read
Data Out
L
L
X
Write
Data In
Note
1. H=VIH, L=VIL, X=Don't Care
DC CHARACTERISTICS
Vcc = 2.7~3.6V, TA = 0
°C to 70°C (Normal)/-25°C to 85°C (Extended) /-40°C to 85°C (Industrial),
unless otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ILI
Input Leakage Current
Vss < VIN < Vcc
-1
-
1
uA
ILO
Output Leakage Current
Vss < VOUT < Vcc, /CS = VIH or
/
OE = VIH or /WE = VIL
-1
-
1
uA
Icc
Operating Power Supply
Current
/CS = VIL,
VIN = VIH or VIL, II/O = 0mA
-
-
2
mA
ICC1
Average Operating Current
/CS = VIL, VIN = VIH or VIL,
Min. Duty Cycle = 100%, II/O = 0mA
-
-
30
mA
ICC2
Average Operating Current
/CS = VIL, VIN = VIH or VIL
Cycle = 1us , II/O = 0mA
-
-
5
mA
ISB
TTL Standby Current
(TTL Inputs)
/CS= VIH,
VIN = VIH or VIL
-
-
0.3
mA
ISB1
CMOS Standby Current
/CS > Vcc - 0.2V,
0~70
°C
-
-
5
uA
(CMOS Inputs)
VIN > Vcc - 0.2V or
VIN < Vss + 0.2V
-25~85
°C or
-40~85
°C
-
-
8
uA
VOL
Output Low Voltage
IOL = 2.1mA
-
-
0.4
V
VOH
Output High Voltage
IOH = -1.0mA
2.2
-
-
V
Note : Typical values are at Vcc =3.0/3.3V, TA = 25
°C


Similar Part No. - HY62VT08081E-DTC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8100BLLG HYNIX-HY62V8100BLLG Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8100BLLG-E HYNIX-HY62V8100BLLG-E Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8100BLLG-I HYNIX-HY62V8100BLLG-I Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8100BLLR1 HYNIX-HY62V8100BLLR1 Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
More results

Similar Description - HY62VT08081E-DTC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62256A HYNIX-HY62256A Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
HY62CT08081E HYNIX-HY62CT08081E Datasheet
186Kb / 12P
   32Kx8bit CMOS SRAM
HY62WT08081E HYNIX-HY62WT08081E Datasheet
205Kb / 13P
   HY62WT08081E Series 32Kx8bit CMOS SRAM
logo
Samsung semiconductor
K6T4016C3C SAMSUNG-K6T4016C3C Datasheet
148Kb / 9P
   CMOS SRAM
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
K6R4008V1B SAMSUNG-K6R4008V1B Datasheet
214Kb / 10P
   CMOS SRAM
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com