Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSR01-1501 Datasheet(PDF) 2 Page - SICK AG

Part # PSR01-1501
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PSR01-1501 Datasheet(HTML) 2 Page - SICK AG

  PSR01-1501 Datasheet HTML 1Page - SICK AG PSR01-1501 Datasheet HTML 2Page - SICK AG PSR01-1501 Datasheet HTML 3Page - SICK AG PSR01-1501 Datasheet HTML 4Page - SICK AG PSR01-1501 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
M20Z-02550A220, PSR01-1501 | M2000 RES/EDM A/P
MULTIPLE LIGHT BEAM SAFETY DEVICES
Ordering information
System part
Type
Part no.
Sender/receiver in one housing
M20Z-02550A220
1026511
Deflector unit
PSR01-1501
1016677
1.) Concerns installation as a replacement part for previous type 2 device in machine: Regarding Machinery Directive
2006/42/EC, Article 1, Paragraph (2a) this type 2 device may only be used as a replacement part for identical PL d / SIL2
devices within the EU if the machine was put into circulation before 2015-05-10. Keep this note with your machine documen-
tation. If the machine is sold on, this note and the information it contains must be passed on to every subsequent buyer. 2.)
Concerns installation on new machines: Due to the amendment to the EN/IEC 61496-1 standard, this type 2 device may only
be installed on new machines up to PL c / SIL1 as of 2015-05-10.
Other models and accessories
www.sick.com/M2000_RES_EDM_A_P
Detailed technical data
Safety-related parameters
Type
Type 2 (IEC 61496)
Safety integrity level
SIL1 (IEC 61508)
SILCL1 (EN 62061)
Category
Category 2 (EN ISO 13849)
Test rate (internal test)
13 /s (EN ISO 13849) 1)
Maximum demand rate
≤ 8 
min⁻¹ (EN ISO 13849) 2)
Performance level
PL c (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
6.6 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
1) Internal test. The test rate may not be exceeded if an external test is performed.
2) Between two requirements on a safety-related response of the device, at least 100 internal or external tests must be carried out.
Functions
Restart interlock
Beam coding
Interfaces
System connection
Connection type Hirschmann plug M26, 7-pin
Conductor cross-section 1 mm²
Configuration method
Hard wired
Display elements
LEDs
7-segment display
Fieldbus, industrial network
Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 1)
1) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft.
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-06-14 08:06:28
Subject to change without notice


Similar Part No. - PSR01-1501

ManufacturerPart #DatasheetDescription
logo
SICK AG
PSR01-1501 SICK-PSR01-1501 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
PSR01-1501 SICK-PSR01-1501 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
PSR01-1501 SICK-PSR01-1501 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
PSR01-1501 SICK-PSR01-1501 Datasheet
1Mb / 5P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
PSR01-1501 SICK-PSR01-1501 Datasheet
1Mb / 5P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Similar Description - PSR01-1501

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com