Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IRFD120 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. IRFD120
Description  1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
©2002 Fairchild Semiconductor Corporation
IRFD120 Rev. B
IRFD120
1.3A, 100V, 0.300 Ohm, N-Channel
Power MOSFET
This advanced power MOSFET is designed, tested, and
guaranteed to withstand a specified level of energy in the
breakdown avalanche mode of operation. These are
N-Channel enhancement mode silicon gate power field
effect transistors designed for applications such as switching
regulators, switching convertors, motor drivers, relay drivers,
and drivers for high power bipolar switching transistors
requiring high speed and low gate drive power. They can be
operated directly from integrated circuits.
Formerly developmental type TA17401.
Features
• 1.3A, 100V
•rDS(ON) = 0.300Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
HEXDIP
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFD120
HEXDIP
IRFD120
NOTE: When ordering, use the entire part number.
G
D
S
SOURCE
GATE
DRAIN
Data Sheet
January 2002




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRFD1201.3A 100V 0.300 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
IRFF1206.0A 100V 0.300 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
HUF76609D310A 100V 0.165 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76629D320A 100V 0.054 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
HUF75631P333A 100V 0.040 Ohm N-Channel UltraFET Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
IRF5105.6A 100V 0.540 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
STB30NF10N-CHANNEL 100V - 0.038 ohm - 35A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD6NF10N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET™ POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STY140NS10N-CHANNEL 100V - 0.009 ohm - 140A MAX247™ MESH OVERLAY™ POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
HUF76619D318A 100V 0.087 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl