Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP57336 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP57336
Description  IR Receiver Modules for Remote Control Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP57336 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP57336_17 Datasheet HTML 1Page - Vishay Siliconix TSOP57336_17 Datasheet HTML 2Page - Vishay Siliconix TSOP57336_17 Datasheet HTML 3Page - Vishay Siliconix TSOP57336_17 Datasheet HTML 4Page - Vishay Siliconix TSOP57336_17 Datasheet HTML 5Page - Vishay Siliconix TSOP57336_17 Datasheet HTML 6Page - Vishay Siliconix TSOP57336_17 Datasheet HTML 7Page - Vishay Siliconix TSOP57336_17 Datasheet HTML 8Page - Vishay Siliconix TSOP57336_17 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TSOP573.., TSOP575..
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 13-Sep-17
1
Document Number: 82450
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
ORDERING CODE
Taping:
TSOP57...TT1 - top view taped
TSOP57...TT2 - top view taped
FEATURES
• Improved immunity against HF and RF noise
• Height of 0.8 mm
• ± 75° half angle sensitivity
• Low supply current
• Photo detector and preamplifier in one package
• Suitable for all common data formats including
those for short bursts
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The TSOP573.., TSOP575.. series are miniaturized receiver
modules for infrared remote control systems. A PIN diode
and a preamplifier are assembled on a lead frame, the epoxy
lens cap contains an IR filter. The demodulated output
signal can be directly connected to a microprocessor for
decoding.
The TSOP573.. series devices are optimized to suppress
almost all spurious pulses from Wi-Fi and CFL sources.
They may suppress some data signals if continuously
transmitted.
New designs should prefer the TSOP573.. series containing
the newer AGC3. The TSOP575.. series are useful to
suppress even extreme levels of optical noise, but may also
suppress some data signals. Please check compatibility
with your codes.
These components have not been qualified according to
automotive specifications.
22531-1
PARTS TABLE
AGC
NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
36 kHz
TSOP57336 (1)
TSOP57536
38 kHz
TSOP57338 (2)(3)(4)(5)
TSOP57538
40 kHz
TSOP57340
TSOP57540
56 kHz
TSOP57356
TSOP57556
Package
Belobog
Pinning
1 = OUT, 2, 3, 6, 7, 8 = GND, 4, 5 = VS
Dimensions (mm)
3.95 W x 3.95 H x 0.8 D
Mounting
SMD
Application
Remote control
Best choice for
(1) MCIR (2) Mitsubishi (3) RECS-80 Code (4) x-map (5) XMP-1, XMP-2


Similar Part No. - TSOP57336_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP57336H VISHAY-TSOP57336H Datasheet
387Kb / 12P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
More results

Similar Description - TSOP57336_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com