Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS81302QT07GE-200I Datasheet(PDF) 13 Page - GSI Technology

Part # GS81302QT07GE-200I
Description  2.0 clock Latency
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302QT07GE-200I Datasheet(HTML) 13 Page - GSI Technology

Back Button GS81302QT07GE-200I Datasheet HTML 9Page - GSI Technology GS81302QT07GE-200I Datasheet HTML 10Page - GSI Technology GS81302QT07GE-200I Datasheet HTML 11Page - GSI Technology GS81302QT07GE-200I Datasheet HTML 12Page - GSI Technology GS81302QT07GE-200I Datasheet HTML 13Page - GSI Technology GS81302QT07GE-200I Datasheet HTML 14Page - GSI Technology GS81302QT07GE-200I Datasheet HTML 15Page - GSI Technology GS81302QT07GE-200I Datasheet HTML 16Page - GSI Technology GS81302QT07GE-200I Datasheet HTML 17Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Capacitance
oC, f = 1 MHZ, VDD = 1.8 V)
Parameter
Symbol
Test conditions
Typ.
Max.
Unit
Input Capacitance
CIN
VIN = 0 V
4
5
pF
Output Capacitance
COUT
VOUT = 0 V
6
7
pF
Clock Capacitance
CCLK
VIN = 0 V
5
6
pF
Note:
This parameter is sample tested.
AC Test Conditions
Parameter
Conditions
Input high level
1.25
Input low level
0.25 V
Max. input slew rate
2 V/ns
Input reference level
0.75
Output reference level
VDDQ/2
Note:
Test conditions as specified with output loading as shown unless otherwise noted.
GS81302QT07/10/19/37E-318/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00e 8/2017
13/28
© 2011, GSI Technology
DQ
VT == 0.75 V
50
RQ = 250
(HSTL I/O)
VREF = 0.75 V
AC Test Load Diagram
Input and Output Leakage Characteristics
Parameter
Symbol
Test Conditions
Min.
Max
Input Leakage Current
(except mode pins)
IIL
VIN = 0 to VDD
–2 uA
2 uA
Doff
IILDOFF
VIN = 0 to VDD
–2 uA
100 uA
ODT
IIL ODT
VIN = 0 to VDD
–100 uA
2 uA
Output Leakage Current
IOL
Output Disable,
VOUT = 0 to VDDQ
–2 uA
2 uA
(TA = 25


Similar Part No. - GS81302QT07GE-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81302QT07GE-250I GSI-GS81302QT07GE-250I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
More results

Similar Description - GS81302QT07GE-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662Q37BD-250 GSI-GS8662Q37BD-250 Datasheet
502Kb / 28P
   2.0 Clock Latency
GS8342D06BD-550I GSI-GS8342D06BD-550I Datasheet
523Kb / 30P
   2.5 Clock Latency
logo
Cypress Semiconductor
CY7C1541KV18 CYPRESS-CY7C1541KV18 Datasheet
691Kb / 27P
   72-Mbit QDR짰II SRAM 4-Word BurstArchitecture (2.0 Cycle Read Latency)
logo
List of Unclassifed Man...
AOC-UINF-M2 ETC2-AOC-UINF-M2 Datasheet
206Kb / 1P
   Dual-Port, Low-Latency InfiniBand UIO Adapter Cards with PCI Express 2.0
logo
Cypress Semiconductor
CY7C1261KV18 CYPRESS-CY7C1261KV18 Datasheet
943Kb / 28P
   36-Mbit QDR짰 II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1146V18 CYPRESS-CY7C1146V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
R1QGA4436RBG RENESAS-R1QGA4436RBG_15 Datasheet
930Kb / 30P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.0 Cycle Read latency)
R1QNA4436RBG RENESAS-R1QNA4436RBG_15 Datasheet
923Kb / 30P
   144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com