Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA66 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSA66
Description  Low Voltage UHS Single SPST Normally Open Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA66 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSA66 Datasheet HTML 2Page - Fairchild Semiconductor FSA66 Datasheet HTML 3Page - Fairchild Semiconductor FSA66 Datasheet HTML 4Page - Fairchild Semiconductor FSA66 Datasheet HTML 5Page - Fairchild Semiconductor FSA66 Datasheet HTML 6Page - Fairchild Semiconductor FSA66 Datasheet HTML 7Page - Fairchild Semiconductor FSA66 Datasheet HTML 8Page - Fairchild Semiconductor FSA66 Datasheet HTML 9Page - Fairchild Semiconductor FSA66 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
Tape and Reel Specification (Continued)
TAPE FORMAT FOR MicroPak
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed


Similar Part No. - FSA66

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
FSA660 ONSEMI-FSA660 Datasheet
314Kb / 8P
   2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
FSA660TMX ONSEMI-FSA660TMX Datasheet
314Kb / 8P
   2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
logo
Fairchild Semiconductor
FSA66L6X FAIRCHILD-FSA66L6X Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
More results

Similar Description - FSA66

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
logo
Fairchild Semiconductor
NC7WB66 FAIRCHILD-NC7WB66 Datasheet
97Kb / 8P
   TinyLogic. Low Voltage UHS Dual SPST Normally Open Bus Switch
logo
ON Semiconductor
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66_05 Datasheet
220Kb / 10P
   Low Voltage Single SPST Normally Open Bus Switch
NC7SZ66 FAIRCHILD-NC7SZ66_10 Datasheet
568Kb / 9P
   Low Voltage Single SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ66 ONSEMI-NC7SZ66 Datasheet
630Kb / 11P
   Low Voltage Single SPST Normally Open Bus Switch
September 2013 Rev. 1.0.5
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com