Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8342QT37BGD-300I Datasheet(PDF) 9 Page - GSI Technology

Part # GS8342QT37BGD-300I
Description  ZQ pin for programmable output drive strength
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342QT37BGD-300I Datasheet(HTML) 9 Page - GSI Technology

Back Button GS8342QT37BGD-300I Datasheet HTML 5Page - GSI Technology GS8342QT37BGD-300I Datasheet HTML 6Page - GSI Technology GS8342QT37BGD-300I Datasheet HTML 7Page - GSI Technology GS8342QT37BGD-300I Datasheet HTML 8Page - GSI Technology GS8342QT37BGD-300I Datasheet HTML 9Page - GSI Technology GS8342QT37BGD-300I Datasheet HTML 10Page - GSI Technology GS8342QT37BGD-300I Datasheet HTML 11Page - GSI Technology GS8342QT37BGD-300I Datasheet HTML 12Page - GSI Technology GS8342QT37BGD-300I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Separate I/O SigmaQuad-II B2 SRAM Read Truth Table
A
R
Output Next State
Q
Q
K
(tn)
K
(tn)
K
(tn)
K
(tn+2)
K
(tn+2½)
X
1
Deselect
Hi-Z
Hi-Z
V
0
Read
Q0
Q1
Notes:
1. X = Don’t Care, 1 = High, 0 = Low, V = Valid.
2. R is evaluated on the rising edge of K.
3. Q0 and Q1 are the first and second data output transfers in a read.
Separate I/O SigmaQuad-II B2 SRAM Write Truth Table
A
W
BWn/NWn BWn/NWn
Input Next State
D
D
K
(tn + ½)
K
(tn)
K
(tn)
K
(tn + ½)
K
K 
(tn), (tn + ½)
K
(tn)
K
(tn + ½)
V
0
0
0
Write Byte Dx0, Write Byte Dx1
D0
D1
V
0
0
1
Write Byte Dx0, Write Abort Byte Dx1
D0
X
V
0
1
0
Write Abort Byte Dx0, Write Byte Dx1
X
D1
X
0
1
1
Write Abort Byte Dx0, Write Abort Byte Dx1
X
X
X
1
X
X
Deselect
X
X
Notes:
1. X = Don’t Care, H = High, L = Low, V = Valid.
2. W is evaluated on the rising edge of K.
3. D0 and D1 are the first and second data input transfers in a write.
4. BWn represents any of the Byte Write Enable inputs (BW0, BW1, etc.). NWn represents any of the Nybble Write Enable inputs (NW0,
NW1).
GS8342QT07/10/19/37BD-357/333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01a 8/2017
9/29
© 2011, GSI Technology


Similar Part No. - GS8342QT37BGD-300I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342QT37BGD-333I GSI-GS8342QT37BGD-333I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342QT37BGD-357I GSI-GS8342QT37BGD-357I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
More results

Similar Description - GS8342QT37BGD-300I

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C16M16MD1 ALSC-AS4C16M16MD1 Datasheet
5Mb / 55P
   Programmable output buffer driver strength
logo
Elpida Memory
EDJ2104EDBG ELPIDA-EDJ2104EDBG Datasheet
1Mb / 150P
   ZQ calibration for DQ drive and ODT
logo
Alliance Semiconductor ...
AS4C64M16MD2-25BCN ALSC-AS4C64M16MD2-25BCN Datasheet
5Mb / 129P
   Configurable Drive Strength
logo
ams AG
MU82 AMSCO-MU82 Datasheet
13Kb / 2P
   8-input to 1-output digital multiplexer with 2x drive strength
MU42 AMSCO-MU42 Datasheet
15Kb / 2P
   4-input to 1-output digital multiplexer with 2x drive strength
logo
List of Unclassifed Man...
AND6 ETC-AND6 Datasheet
12Kb / 2P
   6-input AND gate with 1x drive strength
logo
Alliance Semiconductor ...
2GB-DDR2-AS4C256M8D2 ALSC-2GB-DDR2-AS4C256M8D2 Datasheet
2Mb / 70P
   Weak Strength Data-Output Driver Option
logo
ams AG
OR2 AMSCO-OR2 Datasheet
12Kb / 1P
   2-input OR gate with 1x drive strength
OR73 AMSCO-OR73 Datasheet
13Kb / 2P
   7-input OR gate with 3x drive strength.
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
   2-input OR gate with 2x drive strength
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com