Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA38SA50LC Datasheet(PDF) 2 Page - International Rectifier

Part # FA38SA50LC
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

FA38SA50LC Datasheet(HTML) 2 Page - International Rectifier

  FA38SA50LC Datasheet HTML 1Page - International Rectifier FA38SA50LC Datasheet HTML 2Page - International Rectifier FA38SA50LC Datasheet HTML 3Page - International Rectifier FA38SA50LC Datasheet HTML 4Page - International Rectifier FA38SA50LC Datasheet HTML 5Page - International Rectifier FA38SA50LC Datasheet HTML 6Page - International Rectifier FA38SA50LC Datasheet HTML 7Page - International Rectifier FA38SA50LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FA38SA50LC
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 38A, di/dt ≤ 410A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 0.80mH
RG = 25Ω, IAS = 38A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 38A, VGS = 0V
„
trr
Reverse Recovery Time
–––
830 1300
ns
TJ = 25°C, IF = 38A
Qrr
Reverse RecoveryCharge
–––
15
22
µC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
38
150
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
–––
–––
V
VGS = 0V, ID = 1.0mA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.66
–––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.13
VGS = 10V, ID = 23A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
22
–––
–––
S
VDS = 25V, ID = 23A
–––
–––
50
µA
VDS = 500V, VGS = 0V
–––
–––
500
VDS = 400V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -20V
Qg
Total Gate Charge
–––
280
420
ID = 38A
Qgs
Gate-to-Source Charge
–––
37
55
nC
VDS = 400V
Qgd
Gate-to-Drain ("Miller") Charge
–––
150
220
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
42
–––
VDD = 250V
tr
Rise Time
–––
340
–––
ID = 38A
td(off)
Turn-Off Delay Time
–––
200
–––
RG = 10Ω (Internal)
tf
Fall Time
–––
330
–––
RD = 8Ω, See Fig. 10
„
Ls
Internal Source Inductance
–––
5.0
–––
nH
Between lead,
and center of die contact
Ciss
Input Capacitance
–––
6900 –––
VGS = 0V
Coss
Output Capacitance
–––
1600 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
580
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
ns
IDSS
Drain-to-Source Leakage Current


Similar Part No. - FA38SA50LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FA38SA50LCP VISHAY-FA38SA50LCP Datasheet
200Kb / 9P
   Power MOSFET, 38 A
Revision: 11-May-10
More results

Similar Description - FA38SA50LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com