Electronic Components Datasheet Search |
|
S-1312C22-A4T1U3 Datasheet(PDF) 10 Page - Seiko Instruments Inc |
|
S-1312C22-A4T1U3 Datasheet(HTML) 10 Page - Seiko Instruments Inc |
10 / 47 page LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR S-1312 Series Rev.2.3_01 10 Absolute Maximum Ratings Table 10 (Ta = +25°C unless otherwise specified) Item Symbol Absolute Maximum Rating Unit Input voltage VIN VSS − 0.3 to VSS + 6.0 V VON / OFF VSS − 0.3 to VSS + 6.0 V Output voltage VOUT VSS − 0.3 to VIN + 0.3 V Output current IOUT 180 mA Power dissipation SOT-23-5 PD 600*1 mW HSNT-4 (1010) 340*1 mW HSNT-4 (0808) 335*1 mW Operation ambient temperature Topr −40 to +85 °C Storage temperature Tstg −40 to +125 °C *1. When mounted on board [Mounted board] (1) Board size: 114.3 mm × 76.2 mm × t1.6 mm (2) Name: JEDEC STANDARD51-7 Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. 0 50 100 150 0 Ambient Temperature (Ta) [ °C] 400 200 600 1000 800 1200 SOT-23-5 HSNT-4 (0808) HSNT-4 (1010) Figure 8 Power Dissipation of Package (When Mounted on Board) |
Similar Part No. - S-1312C22-A4T1U3 |
|
Similar Description - S-1312C22-A4T1U3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |