Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES521 Datasheet(PDF) 15 Page - Winbond

Part # ES521
Description  Winbond ES521 Evaluation System User Guide
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ES521 Datasheet(HTML) 15 Page - Winbond

Back Button ES521 Datasheet HTML 7Page - Winbond ES521 Datasheet HTML 8Page - Winbond ES521 Datasheet HTML 9Page - Winbond ES521 Datasheet HTML 10Page - Winbond ES521 Datasheet HTML 11Page - Winbond ES521 Datasheet HTML 12Page - Winbond ES521 Datasheet HTML 13Page - Winbond ES521 Datasheet HTML 14Page - Winbond ES521 Datasheet HTML 15Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15
Preliminary
Second 5216
SCL_2
WS_2
+
RAC_2
C32
0.1uf
VCCD
VCCD
R12
1K
RAC_2
R11
10K
R13
1K
MCLK_2
C29
0.01uf
SDI_2
C26
47uf
R10
10K
SDI_2
C24
0.01uf
VCCD
SDIO_2
MCLK_2
C27
47uf
SDA_2
R14
1.5K
SCL_2
SDA_2
INT_2
X2
MICROPHONE
1
2
J10
HEADER 10
1
2
3
4
5
6
7
8
9
10
SCK_2
J13
MJ_3536
2
3
1
J11
MJ_3536
2
3
1
+
J12
MJ_3536
2
3
1
U8
ISD5216
5
4
2
3
25
26
27
17
18
9
10
23
15
13
24
21
12
19
11
20
A0
SDA
SCL
A1
RAC
INT
MCLK
AUXIN
AUXOUT
MIC+
MIC-
SDI
SP+
SP-
SDIO
WS
ACAP
N/C
MICBS
SCK
SCK_2
R15
1.5K
C33
0.1uf
+
VCCD
VCCA
INT_2
SDIO_2
C34
4.7uF
C30
0.1uf
DUT 2
C25
0.1uf
C31
0.1uf
WS_2
ACAP_AGND
C28
0.1uf


Similar Part No. - ES521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results

Similar Description - ES521

ManufacturerPart #DatasheetDescription
logo
Winbond
W6810 WINBOND-W6810_1 Datasheet
597Kb / 16P
   Codec Evaluation System User?셲 Guide
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-486 AD-UG-486 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
UG-317 AD-UG-317 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
logo
International Rectifier
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
   EVALUATION BOARD USER GUIDE
logo
Analog Devices
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
logo
International Rectifier
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
   IRU3046 EVALUATION BOARD USER GUIDE
IRDC3146EVAL IRF-IRDC3146EVAL Datasheet
1Mb / 15P
   IRU3146 EVALUATION BOARD USER GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com