Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCT2H12NZ Datasheet(PDF) 1 Page - Rohm

Part # SCT2H12NZ
Description  N-channel SiC power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCT2H12NZ Datasheet(HTML) 1 Page - Rohm

  SCT2H12NZ Datasheet HTML 1Page - Rohm SCT2H12NZ Datasheet HTML 2Page - Rohm SCT2H12NZ Datasheet HTML 3Page - Rohm SCT2H12NZ Datasheet HTML 4Page - Rohm SCT2H12NZ Datasheet HTML 5Page - Rohm SCT2H12NZ Datasheet HTML 6Page - Rohm SCT2H12NZ Datasheet HTML 7Page - Rohm SCT2H12NZ Datasheet HTML 8Page - Rohm SCT2H12NZ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Datasheet
SCT2H12NZ
N-channel SiC power MOSFET
Marking
Taping code
Application
Outline
Inner circuit
Packaging specifications
TO-3PFM
1700V
3.7A
VDSS
ID
PD
RDS(on) (Typ.)
1.15
Continuous drain current
Tc = 25°C
Tc = 100°C
Pulsed drain current
Parameter
Symbol
Value
Unit
Tube
-
Type
Packaging
Reel size (mm)
-
SCT2H12NZ
Basic ordering unit (pcs)
Tape width (mm)
-
30
3) Long creepage distance
4) Simple to drive
5) Pb-free lead plating ; RoHS compliant
Features
35W
1) Low on-resistance
2) Fast switching speed
Gate - Source voltage (DC)
VGSS
6 to 22
V
Power dissipation (Tc = 25°C)
PD
35
W
Gate - Source surge voltage (Tsurge ˂ 300nsec)
VGSS-surge
*3
10 to 26
V
Junction temperature
Tj
175
°C
Range of storage temperature
Tstg
55 to 175
°C
ID,pulse
*2
9.2
A
VDSS
1700
V
ID
*1
3.7
A
ID
*1
2.6
A
Absolute maximum ratings (Ta = 25°C)
Drain - Source voltage
• Auxilialy power supplies
• Switch mode power supplies
(1) (2)
(3)
(1) Gate
(2) Drain
(3) Source
*1 Body Diode
(1)
(3)
(2)
*1
1/12
2017.07 - Rev.B


Similar Part No. - SCT2H12NZ

ManufacturerPart #DatasheetDescription
logo
Rohm
SCT2H12NY ROHM-SCT2H12NY Datasheet
800Kb / 14P
   N-channel SiC power MOSFET
More results

Similar Description - SCT2H12NZ

ManufacturerPart #DatasheetDescription
logo
Rohm
SCTMU001F ROHM-SCTMU001F Datasheet
379Kb / 10P
   N-channel SiC power MOSFET
SCT2280KE ROHM-SCT2280KE Datasheet
787Kb / 14P
   N-channel SiC power MOSFET
SCT3030KL ROHM-SCT3030KL Datasheet
734Kb / 14P
   N-channel SiC power MOSFET
SCT3080AL ROHM-SCT3080AL Datasheet
736Kb / 14P
   N-channel SiC power MOSFET
SCTMU001F ROHM-SCTMU001F_17 Datasheet
732Kb / 10P
   N-channel SiC power MOSFET
SCT2080KE ROHM-SCT2080KE Datasheet
821Kb / 14P
   N-channel SiC power MOSFET
SCT2750NY ROHM-SCT2750NY Datasheet
840Kb / 14P
   N-channel SiC power MOSFET
SCT4013DE ROHM-SCT4013DE Datasheet
2Mb / 15P
   N-channel SiC power MOSFET
2.May.2022 - Rev.002
SCT3105KR ROHM-SCT3105KR Datasheet
945Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT4036KR ROHM-SCT4036KR Datasheet
1Mb / 15P
   N-channel SiC power MOSFET
21.Apr.2022 - Rev.002
SCT3080AR ROHM-SCT3080AR Datasheet
933Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com