Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS230KE2 Datasheet(PDF) 3 Page - Rohm

Part # SCS230KE2
Description  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS230KE2 Datasheet(HTML) 3 Page - Rohm

  SCS230KE2 Datasheet HTML 1Page - Rohm SCS230KE2 Datasheet HTML 2Page - Rohm SCS230KE2 Datasheet HTML 3Page - Rohm SCS230KE2 Datasheet HTML 4Page - Rohm SCS230KE2 Datasheet HTML 5Page - Rohm SCS230KE2 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Datasheet
SCS230KE2
Electrical characteristic curves
 
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
Ta=125ºC
Pulsed
Ta=175ºC
Ta=75ºC
Ta=25ºC
Ta=
25ºC
Fig.1 V
F -IF Characteristics (per leg)
Forward Voltage : V
F
[V]
Fig.2 V
F -IF Characteristics (per leg)
Forward Voltage : V
F
[V]
Fig.3 V
R -IR Characteristics (per leg)
Reverse Voltage : V
R
[V]
Fig.4 V
R-Ct Characteristics (per leg)
Reverse Voltage : V
R
[V]
0.001
0.01
0.1
1
10
100
1000
0
200
400
600
800
1,000 1,200
Ta=125ºC
Ta=175ºC
Ta=75ºC
Ta=25ºC
Ta=
25ºC
10
100
1,000
10,000
0.01
0.1
1
10
100
1000
Ta=25ºC
f=1MHz
0.001
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
Ta=125ºC
Pulsed
Ta=175ºC
Ta=75ºC
Ta=25ºC
Ta=
25ºC
3/4
2017.06 - Rev.C


Similar Part No. - SCS230KE2

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS230KE2 ROHM-SCS230KE2 Datasheet
183Kb / 6P
   SiC Schottky Barrier Diode
SCS230KE2AHR ROHM-SCS230KE2AHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
2017.08 - Rev.B
SCS230KE2HR ROHM-SCS230KE2HR Datasheet
794Kb / 8P
   Automotive Grade SiC Schottky Barrier Diode
6.May.2022 - Rev.002
More results

Similar Description - SCS230KE2

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com