Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH2080KE Datasheet(PDF) 8 Page - Rohm

Part # SCH2080KE
Description  N-channel SiC power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCH2080KE Datasheet(HTML) 8 Page - Rohm

Back Button SCH2080KE_17 Datasheet HTML 4Page - Rohm SCH2080KE_17 Datasheet HTML 5Page - Rohm SCH2080KE_17 Datasheet HTML 6Page - Rohm SCH2080KE_17 Datasheet HTML 7Page - Rohm SCH2080KE_17 Datasheet HTML 8Page - Rohm SCH2080KE_17 Datasheet HTML 9Page - Rohm SCH2080KE_17 Datasheet HTML 10Page - Rohm SCH2080KE_17 Datasheet HTML 11Page - Rohm SCH2080KE_17 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Datasheet
SCH2080KE
Electrical characteristic curves
Fig.12 Static Drain - Source On - State
Resistance vs. Gate - Source Voltage
Gate - Source Voltage : VGS [V]
Fig.13 Static Drain - Source On - State
Resistance vs. Junction Temperature
Junction Temperature : Tj [ºC]
Fig.14 Static Drain - Source On - State
Resistance vs. Drain Current
Drain Current : ID [A]
0
0.2
0.4
0.6
0.8
6
8
10
12
14
16
18
20
22
ID = 10A
ID = 20A
Ta = 25ºC
Pulsed
0
0.05
0.1
0.15
-50
0
50
100
150
VGS = 18V
Pulsed
ID = 10A
ID = 20A
0.01
0.1
1
0.1
1
10
100
VGS = 18V
Pulsed
Ta = 150ºC
Ta = 75ºC
Ta = 25ºC
Ta = 25ºC
8/12
2017.06 - Rev.G


Similar Part No. - SCH2080KE_17

ManufacturerPart #DatasheetDescription
logo
Rohm
SCH2080KE ROHM-SCH2080KE Datasheet
493Kb / 13P
   N-channel SiC power MOSFET co-packaged with SiC-SBD
More results

Similar Description - SCH2080KE_17

ManufacturerPart #DatasheetDescription
logo
Rohm
SCTMU001F ROHM-SCTMU001F Datasheet
379Kb / 10P
   N-channel SiC power MOSFET
SCT2280KE ROHM-SCT2280KE Datasheet
787Kb / 14P
   N-channel SiC power MOSFET
SCT3030KL ROHM-SCT3030KL Datasheet
734Kb / 14P
   N-channel SiC power MOSFET
SCT3080AL ROHM-SCT3080AL Datasheet
736Kb / 14P
   N-channel SiC power MOSFET
SCTMU001F ROHM-SCTMU001F_17 Datasheet
732Kb / 10P
   N-channel SiC power MOSFET
SCT2080KE ROHM-SCT2080KE Datasheet
821Kb / 14P
   N-channel SiC power MOSFET
SCT2750NY ROHM-SCT2750NY Datasheet
840Kb / 14P
   N-channel SiC power MOSFET
SCT4013DE ROHM-SCT4013DE Datasheet
2Mb / 15P
   N-channel SiC power MOSFET
2.May.2022 - Rev.002
SCT3105KR ROHM-SCT3105KR Datasheet
945Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT4036KR ROHM-SCT4036KR Datasheet
1Mb / 15P
   N-channel SiC power MOSFET
21.Apr.2022 - Rev.002
SCT3080AR ROHM-SCT3080AR Datasheet
933Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com