Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S4001 Datasheet(PDF) 1 Page - Rohm

Part No. S4001
Description  N-channel SiC power MOSFET bare die
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

S4001 Datasheet(HTML) 1 Page - Rohm

  S4001 Datasheet HTML 1Page - Rohm S4001 Datasheet HTML 2Page - Rohm S4001 Datasheet HTML 3Page - Rohm S4001 Datasheet HTML 4Page - Rohm S4001 Datasheet HTML 5Page - Rohm S4001 Datasheet HTML 6Page - Rohm S4001 Datasheet HTML 7Page - Rohm S4001 Datasheet HTML 8Page - Rohm S4001 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Datasheet
S4001
N-channel SiC power MOSFET bare die
VDSS
650
V
ID
*1
70
A
A
VGSS
175
ID,pulse
*2
Junction temperature
4 to 22
V
Gate-Source Surge Voltage
VGSS_surge
4 to 22
V
Recommended Drive Voltage
VGS_op
0 / 18
V
Range of storage temperature
Tj
175
°C
Tstg
55 to 175
°C
Drain - Source voltage
Tc = 25°C
Pulsed drain current
Gate - Source voltage
Continuous drain current
Unit
Value
Features
1) Low on-resistance
Symbol
・Induction heating
Application
・Switch mode power supplies
・Solar inverters
・DC/DC converters
Parameter
・Motor drives
Absolute maximum ratings (T
a = 25°C)
5) Simple to drive
3) Fast reverse recovery
Inner circuit
2) Fast switching speed
4) Easy to parallel
650V
30m
VDSS
RDS(on) (Typ.)
ID
70A
*1
(1) Gate
(2) Drain
(3) Source
*1 Body Diode
(1)
(3)
(2)
*1
1/11
2017.08 - Rev.C
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn