Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1312C21H-M5T1U3 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1312C21H-M5T1U3
Description  OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1312C21H-M5T1U3 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1312C21H-M5T1U3 Datasheet HTML 1Page - Seiko Instruments Inc S-1312C21H-M5T1U3 Datasheet HTML 2Page - Seiko Instruments Inc S-1312C21H-M5T1U3 Datasheet HTML 3Page - Seiko Instruments Inc S-1312C21H-M5T1U3 Datasheet HTML 4Page - Seiko Instruments Inc S-1312C21H-M5T1U3 Datasheet HTML 5Page - Seiko Instruments Inc S-1312C21H-M5T1U3 Datasheet HTML 6Page - Seiko Instruments Inc S-1312C21H-M5T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-1312C21H-M5T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-1312C21H-M5T1U3 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
S-1312xxxH Series
www.sii-ic.com
105
°C OPERATION LOW CURRENT CONSUMPTION
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
© SII Semiconductor Corporation, 2015
Rev.1.1_01
1
The S-1312xxxH Series, developed by using the CMOS technology, is a positive voltage regulator IC which has low current
consumption, high ripple-rejection and low dropout voltage.
Even with low current consumption of 20
μA typ., it has high ripple-rejection of 75 dB typ., and a ceramic capacitor of 0.22 μF
or more can be used as the input and output capacitors.
It also has high-accuracy output voltage of
±1.0%.
Features
• Output voltage:
1.0 V to 3.5 V, selectable in 0.05 V step
• Input voltage:
1.5 V to 5.5 V
• Output voltage accuracy:
±1.0% (1.0 V to 1.45 V output product: ±15 mV)
• Dropout voltage:
160 mV typ. (2.8 V output product, IOUT = 100 mA)
• Current consumption:
During operation:
20
μA typ., 30 μA max.
During power-off:
0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 150 mA (VIN
≥ VOUT(S) + 1.0 V)*1
• Input and output capacitors:
A ceramic capacitor of 0.22
μF or more can be used.
• Ripple rejection:
75 dB typ. (1.2 V output product, f = 1.0 kHz)
70 dB typ. (2.85 V output product, f = 1.0 kHz)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit:
Prevents damage caused by heat.
• Built-in ON / OFF circuit:
Ensures long battery life.
• Pull-down resistor is selectable.
• Discharge shunt function is selectable.
• Operation temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
*1. Please make sure that the loss of the IC will not exceed the power dissipation when the output current is large.
Applications
• Constant-voltage power supply for battery-powered device
• Constant-voltage power supply for home electric appliance
Packages
• SOT-23-5
• HSNT-4 (1010)


Similar Part No. - S-1312C21H-M5T1U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1312C21H-M5T1U3 ABLIC-S-1312C21H-M5T1U3 Datasheet
1Mb / 39P
   105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00
More results

Similar Description - S-1312C21H-M5T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1312 SII-S1312 Datasheet
2Mb / 47P
   LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 SII-S-1167 Datasheet
474Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com