Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP380HSN10AAT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP380HSN10AAT1G
Description  Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP380HSN10AAT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP380HSN10AAT1G Datasheet HTML 1Page - ON Semiconductor NCP380HSN10AAT1G Datasheet HTML 2Page - ON Semiconductor NCP380HSN10AAT1G Datasheet HTML 3Page - ON Semiconductor NCP380HSN10AAT1G Datasheet HTML 4Page - ON Semiconductor NCP380HSN10AAT1G Datasheet HTML 5Page - ON Semiconductor NCP380HSN10AAT1G Datasheet HTML 6Page - ON Semiconductor NCP380HSN10AAT1G Datasheet HTML 7Page - ON Semiconductor NCP380HSN10AAT1G Datasheet HTML 8Page - ON Semiconductor NCP380HSN10AAT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
NCP380, NCV380
www.onsemi.com
2
Figure 1. Typical Application Circuit
*For Adjustable Version Only.
IN
GND
USB INPUT
5 V
FLAG
EN
Rfault
100 k
W
1
mF
FLAG
EN
NCP380
OUT
ILIM*
USB
DATA
USB
Port
D+
D−
VBUS
GND
Rlim
120
mF
(Top view)
Figure 2. Pin Connections
1
2
3
6
5
4
OUT
ILIM*
FLAG
IN
GND
EN
PAD1
UDFN6
OUT
GND
FLAG
IN
EN
1
2
3
5
4
TSOP−5
1
2
3
6
4
OUT
ILIM*
5
FLAG
IN
GND
EN
TSOP−6
*For adjustable version only, otherwise not connected.
Table 1. PIN FUNCTION DESCRIPTION
Pin Name
Type
Description
EN
INPUT
Enable input, logic low/high (i.e. EN or EN) turns on power switch
GND
POWER
Ground connection;
IN
POWER
Power-switch input voltage; connect a 1
mF or greater ceramic capacitor from IN to GND as close as pos-
sible to the IC.
FLAG
OUTPUT
Active-low open-drain output, asserted during overcurrent, overtemperature or reverse-voltage conditions.
Connect a 10 k
W or greater resistor pull-up, otherwise leave unconnected.
OUT
OUTPUT
Power-switch output; connect a 1
mF ceramic capacitor from OUT to GND as close as possible to the IC
is recommended. A 1
mF or greater ceramic capacitor from OUT to GND must be connected if the USB
requirement (i.e.120
mF capacitor minimum) is not met.
ILIM*
INPUT
External resistor used to set current-limit threshold; recommended 5 k
W < RILIM < 250 kW.
PAD1**
THERMAL
Exposed Thermal Pad: Must be soldered to PCB Ground plane
*(For adjustable version only, otherwise not connected.
**For DFN version only.


Similar Part No. - NCP380HSN10AAT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP380HSN10AAT1G ONSEMI-NCP380HSN10AAT1G Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP380HSN10AAT1G ONSEMI-NCP380HSN10AAT1G Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
More results

Similar Description - NCP380HSN10AAT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP380HMU05AGEVB ONSEMI-NCP380HMU05AGEVB Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380 ONSEMI-NCP380 Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com