Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1607BOOSTGEVB Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1607BOOSTGEVB
Description  Cost Effective Power Factor Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1607BOOSTGEVB Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1607BOOSTGEVB Datasheet HTML 2Page - ON Semiconductor NCP1607BOOSTGEVB Datasheet HTML 3Page - ON Semiconductor NCP1607BOOSTGEVB Datasheet HTML 4Page - ON Semiconductor NCP1607BOOSTGEVB Datasheet HTML 5Page - ON Semiconductor NCP1607BOOSTGEVB Datasheet HTML 6Page - ON Semiconductor NCP1607BOOSTGEVB Datasheet HTML 7Page - ON Semiconductor NCP1607BOOSTGEVB Datasheet HTML 8Page - ON Semiconductor NCP1607BOOSTGEVB Datasheet HTML 9Page - ON Semiconductor NCP1607BOOSTGEVB Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
NCP1607
www.onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 3. Ct Charge Current vs. Temperature
Figure 4. On Time vs. VCONTROL Level
TEMPERATURE (
°C)
VCONTROL (V)
150
100
75
50
25
0
−25
−50
260
262
264
266
268
270
272
274
6
5
4
3
2
1
0
0
2
4
6
8
10
12
14
125
Ct = 1 nF
Figure 5. Maximum Ct Level vs. Temperature
Figure 6. PWM Propagation Delay vs.
Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
125
100
75
50
25
0
−25
−50
3.00
3.05
3.15
3.20
3.25
3.30
125
100
75
50
25
0
−25
−50
130
140
150
160
170
3.10
150
150
Figure 7. Reference Voltage vs. Temperature
Figure 8. Error Amplifier Open Loop Gain and
Phase
TEMPERATURE (
°C)
FREQUENCY (Hz)
125
100
75
50
25
0
−25
−50
2.470
2.475
2.480
2.485
2.490
2.495
2.500
2.505
10M
1M
100k
10k
1k
100
10
−20
0
20
40
60
80
100
150
200
160
120
80
40
0
−40
GAIN
PHASE


Similar Part No. - NCP1607BOOSTGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1607BDR2G ONSEMI-NCP1607BDR2G Datasheet
261Kb / 23P
   Cost Effective Power Factor Controller
April, 2009 ??Rev. 1
NCP1607BDR2G ONSEMI-NCP1607BDR2G Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
More results

Similar Description - NCP1607BOOSTGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1607 ONSEMI-NCP1607 Datasheet
261Kb / 23P
   Cost Effective Power Factor Controller
April, 2009 ??Rev. 1
NCP1607 ONSEMI-NCP1607_15 Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1606 ONSEMI-NCP1606 Datasheet
242Kb / 22P
   Cost Effective Power Factor Controller
March, 2007 ??Rev. 3
logo
List of Unclassifed Man...
OB3350 ETC2-OB3350 Datasheet
464Kb / 10P
   Cost Effective LED Controller
logo
ON Semiconductor
MC33260 ONSEMI-MC33260_05 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
logo
Diodes Incorporated
AP3105 DIODES-AP3105 Datasheet
336Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
AP3103A DIODES-AP3103A Datasheet
408Kb / 12P
   COST EFFECTIVE GREEN PWM CONTROLLER
AP3105D DIODES-AP3105D Datasheet
368Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
February 2014 Rev. 2 - 2
AP3105NA DIODES-AP3105NA Datasheet
347Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
logo
Excelliance MOS Corp.
EM8931 EXCELLIANCE-EM8931 Datasheet
256Kb / 10P
   Cost Effective PWM Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com