Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6N239SMNEVB Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB6N239SMNEVB
Description  3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6N239SMNEVB Datasheet(HTML) 5 Page - ON Semiconductor

  NB6N239SMNEVB Datasheet HTML 1Page - ON Semiconductor NB6N239SMNEVB Datasheet HTML 2Page - ON Semiconductor NB6N239SMNEVB Datasheet HTML 3Page - ON Semiconductor NB6N239SMNEVB Datasheet HTML 4Page - ON Semiconductor NB6N239SMNEVB Datasheet HTML 5Page - ON Semiconductor NB6N239SMNEVB Datasheet HTML 6Page - ON Semiconductor NB6N239SMNEVB Datasheet HTML 7Page - ON Semiconductor NB6N239SMNEVB Datasheet HTML 8Page - ON Semiconductor NB6N239SMNEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NB6N239S
http://onsemi.com
5
Table 7. DC CHARACTERISTICS, CLOCK INPUTS, LVDS OUTPUTS
(VCC = 3.0 V to 3.465 V, GND = 0 V)
Symbol
Characteristic
−405C
255C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ICC
Power Supply Cur-
rent (Inputs and
Outputs OPEN)
35
45
55
mA
VOH
Output HIGH
Voltage (Notes 2)
1600
1600
1600
mV
VOL
Output LOW
Voltage (Notes 2)
900
900
900
mV
VOD
Differential Output
Voltage (Figure 21)
250
450
250
450
250
450
mV
DVOD
VOD Magnitude
Change
0
50
0
50
0
50
mV
VOS
Offset Voltage
(Figure 21)
1125
1375
1125
1375
1125
1375
mV
DVOS
VOS Magnitude
Change
0
50
0
50
0
50
mV
DIFFERENTIAL INPUT DRIVEN SINGLE−ENDED (Figures 7, 10)
Vth
Input Threshold
Reference Voltage
(Note 3)
100
VCC − 100
100
VCC − 100
100
VCC − 100
mV
VIH
Single−ended Input
HIGH Voltage
Vth + 100
VCC
Vth + 100
VCC
Vth + 100
VCC
mV
VIL
Single−ended Input
LOW Voltage
GND
Vth − 100
GND
Vth − 100
GND
Vth − 100
mV
VBBAC
Output Voltage Ref-
erence @ 100 mA
(Note 6)
VCC =
3.3 V
VCC−1460
1840
VCC
1330
1970
VCC−1200
2100
VCC−1460
1840
VCC
1340
1960
VCC−1200
2100
VCC−1460
1840
VCC
1350
1950
VCC−1200
2100
mV
DIFFERENTIAL INPUT DRIVEN DIFFERENTIALLY (Figures 8, 9, 11) (Note 5)
VIHD
Differential Input
HIGH Voltage
100
VCC
100
VCC
100
VCC
mV
VILD
Differential Input
LOW Voltage
GND
VCC – 100
GND
VCC – 100
GND
VCC – 100
mV
VCMR
Input Common
Mode Range (Dif-
ferential Cross−
point Voltage)
(Note 4)
50
VCC – 50
50
VCC – 50
50
VCC – 50
mV
VID
Differential Input
Voltage (VIHD(CLK)
− VILD(CLK)) and
(VIHD(CLK)
VILD(CLK))
100
VCC − GND
100
VCC − GND
100
VCC − GND
mV
RTIN
Internal Input Ter-
mination Resistor
45
50
55
45
50
55
45
50
55
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Outputs loaded with 100 W across LVDS outputs.
3. Vth is applied to the complementary input when operating in single−ended mode.
4. VCMRMIN varies 1:1 with GND, VCMRMAX varies 1:1 with VCC.
5. Input and output voltage swing is a single−ended measurement operating in differential mode.
6. VBBAC used to rebias capacitor−coupled inputs only (see Figures 16 and 17).


Similar Part No. - NB6N239SMNEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6N239SMN ONSEMI-NB6N239SMN Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
NB6N239SMNG ONSEMI-NB6N239SMNG Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
NB6N239SMNG ONSEMI-NB6N239SMNG Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6N239SMNR2 ONSEMI-NB6N239SMNR2 Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
NB6N239SMNR2G ONSEMI-NB6N239SMNR2G Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
More results

Similar Description - NB6N239SMNEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6N239S ONSEMI-NB6N239S Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
NB6L239 ONSEMI-NB6L239 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6N239S ONSEMI-NB6N239S_13 Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6L239 ONSEMI-NB6L239_06 Datasheet
104Kb / 13P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
   첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
logo
Renesas Technology Corp
ICS8S73034I RENESAS-ICS8S73034I Datasheet
1Mb / 21P
   Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
2019
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222_05 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Micrel Semiconductor
SY89200U MICREL-SY89200U Datasheet
552Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239_13 Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com