Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CR1216 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. CR1216
Description  Lithium Manganese Dioxide Battery
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo ETC - List of Unclassifed Manufacturers

CR1216 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CR1216 Datasheet HTML 1Page - List of Unclassifed Manufacturers CR1216 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(
+)
(—)
二酸化マンガン・リチウム電池
Lithium Manganese Dioxide Battery
CR1216
DATA SHEET
■Dimensions (mm)
■Specifications
公称電圧
3V
Nominal Voltage
公称容量(終止電圧2.5V)
30mAh
Nominal Capacity (2.5V cutoff)
推奨負荷電流値(標準)
0.1mA
Recommended Continuous Drain
推奨負荷電流値(パルス)
5mA
Recommended Pulse Drain
標準質量
0.7g
Weight
Applications
SRAMやリアルタイムクロック等メモリーバックアップ
●Electronic Watch or Clock
●Electronic Calculator
●Memory Back-up Power Source for
 SRAM or Real Time Clock (RTC)
Ø12.5
0
–0.3
Ø10.2
±0.2
Diameter:12.5mm
Height
:1.60mm
Height
■Discharge Characteristic
At2 3 ˚C
100
0
1.0
2.0
3.0
4.0
200
300
400
500
= 10kΩ
= 30kΩ
Discharge time(h)


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CR17450MANGANESE DIOXIDE LITHIUM BATTERY 1 List of Unclassifed Manufacturers
CR2032Lithium Manganese Dioxide Battery 1 2 Sony Corporation
CR1620LITHIUM MANGANESE DIOXIDE BATTERY 1 2 Sony Corporation
LR54Alkaline Manganese Dioxide Battery 1 List of Unclassifed Manufacturers
MM1177Charge and discharge control for coin-type lithium batteries and manganese dioxide lithium batteries 1 2 3 Mitsumi Electronics, Corp.
BA-5112LITHIUM SULFUR DIOXIDE PRIMARY BATTERY SYSTEM 1 2 List of Unclassifed Manufacturers
CR2450Lithium / Manganese Dioxide Li/MnO2 1 List of Unclassifed Manufacturers
CR2032Lithium / Manganese Dioxide Li/MnO2 1 2 List of Unclassifed Manufacturers
MX1300ALKALINE MANGANESE DIOXIDE BATTERY 1 2 List of Unclassifed Manufacturers
MN1500ALKALLINE MANGANESE DIOXIDE BATTERY 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn