Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM8608IP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM8608IP
Description  CLASS AB STEREO HEAD PHONE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM8608IP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM8608IP Datasheet HTML 1Page - List of Unclassifed Manufacturers CM8608IP Datasheet HTML 2Page - List of Unclassifed Manufacturers CM8608IP Datasheet HTML 3Page - List of Unclassifed Manufacturers CM8608IP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8608IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM8608IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM8608IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM8608IP Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CM8608
CLASS AB STEREO HEADPHONE DRIVER
2001/12/20 Rev. 1
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM8608 is an integrated class AB stereo headphone
driver contained in an SO8 or a DIP8 plastic package. The
device is fabricated in a 1 mm CMOS process and has
been primarily developed for portable digital audio
applications.
Wide temperature range
No switch ON/OFF clicks
Excellent power supply ripple rejection.
Low power consumption
Short-circuit resistant
High performance
high signal-to-noise ratio
high slew rate
low distortion
Large output voltage swing
PIN CONFIGURATION
SOP-8 (S08)/PDIP (P08)
Top View
1
2
3
4
8
7
6
5
OUTA
INA(neg)
INA(pos)
VSS
VDD
OUTB
INB(neg)
INB(pos)
PIN DESCRIPTION
Pin No.
Symbol
Description
1
OUTA
Output A
2
INA(neg)
Inverting input A
3
INA(pos)
Non-inverting input A
4
VSS
Negative supply
5
INB(pos)
Non-inverting input B
6
INB(neg)
Inverting input B
7
OUTB
Output B
8
VDD
Positive supply


Similar Part No. - CM8608IP

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
CM8608IP BOOKLY-CM8608IP Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
More results

Similar Description - CM8608IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
   Class-AB stereo headphone driver
Rev. 04-25 January 2007
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
logo
Unisonic Technologies
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com