Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT16213DL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBT16213DL
Description  24-bit bus exchange switch with 12-bit output enables
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT16213DL Datasheet(HTML) 2 Page - NXP Semiconductors

  CBT16213DL Datasheet HTML 1Page - NXP Semiconductors CBT16213DL Datasheet HTML 2Page - NXP Semiconductors CBT16213DL Datasheet HTML 3Page - NXP Semiconductors CBT16213DL Datasheet HTML 4Page - NXP Semiconductors CBT16213DL Datasheet HTML 5Page - NXP Semiconductors CBT16213DL Datasheet HTML 6Page - NXP Semiconductors CBT16213DL Datasheet HTML 7Page - NXP Semiconductors CBT16213DL Datasheet HTML 8Page - NXP Semiconductors CBT16213DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Objective specification
CBT16213
24-bit bus exchange switch
with 12-bit output enables
2
2001 Jan 19
FEATURES
5 Ω switch connection between two ports
TTL compatible control input levels
Package options include plastic shrink small outline (SSOP) and
thin shrink small outline (TSSOP)
DESCRIPTION
The CBT16213 provides 24 bits of high-speed TTL-compatible bus
switching or exchanging. The low on-state resistance of the switch
allows connections to be made with minimal propagation delay.
The CBT16213 operates as 24-bit bus switch or a 12-bit bus
exchanger, which provides data exchanging between the four signal
ports via the data-select (S0–S2) terminals.
The CBT16213 is characterized for operation from –40 to +85
°C.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25 °C; GND = 0 V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Yn
CL = 50 pF; VCC = 5 V
0.25
ns
CIN
Input capacitance
VI = 0 V or VCC
4.5
pF
COUT
Output capacitance
Outputs disabled; VO = 0 V or VCC
11.5
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5 V
3
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40 to +85
°C
CBT16213DL
CBT16213DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40 to +85
°C
CBT16213DGG
CBT16213DGG
SOT364-1
FUNCTION TABLE
S2
S1
S0
A1
A2
FUNCTION
L
L
L
Z
Z
Disconnect
L
L
H
B1
Z
A1 = B1
L
H
L
B2
Z
A1 = B2
L
H
H
Z
B1
A2 = B1
H
L
L
Z
B2
A2 = B2
H
L
H
A2 & B2
A1 & B2
A1 = A2 = B2
H
H
L
B1
B2
A1 = B1, A2 = B2
H
H
H
B2
B1
A1 = B2, A2 = B1
H = High voltage level
L
= Low voltage level
Z = High impedance “off ” state
LOGIC SYMBOL
FLOW CONTROL
SA00512
1 of 12 Channels
254
353
1
56
55
1A1
1A2
S0
S1
S2
1B1
1B2


Similar Part No. - CBT16213DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT16210 PHILIPS-CBT16210 Datasheet
78Kb / 8P
   20-bit bus switch with 10-bit output enables
2000 Oct 12
logo
Nexperia B.V. All right...
CBT16210 NEXPERIA-CBT16210 Datasheet
197Kb / 9P
   20-bit bus switch with 10-bit output enables
2000 Oct 12
logo
NXP Semiconductors
CBT16210DGG PHILIPS-CBT16210DGG Datasheet
78Kb / 8P
   20-bit bus switch with 10-bit output enables
2000 Oct 12
logo
Nexperia B.V. All right...
CBT16210DGG NEXPERIA-CBT16210DGG Datasheet
197Kb / 9P
   20-bit bus switch with 10-bit output enables
2000 Oct 12
logo
NXP Semiconductors
CBT16210DL PHILIPS-CBT16210DL Datasheet
78Kb / 8P
   20-bit bus switch with 10-bit output enables
2000 Oct 12
More results

Similar Description - CBT16213DL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
   24-bit bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBT16212 NXP-CBT16212 Datasheet
81Kb / 12P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
CBT16212 PHILIPS-CBT16212_15 Datasheet
89Kb / 12P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
logo
Nexperia B.V. All right...
CBT16212 NEXPERIA-CBT16212 Datasheet
203Kb / 13P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02 - 3 November 2008
CBTD16211 NEXPERIA-CBTD16211 Datasheet
201Kb / 11P
   24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
logo
Integrated Circuit Syst...
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBTD16211 PHILIPS-CBTD16211_15 Datasheet
88Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
logo
Nexperia B.V. All right...
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
NXP Semiconductors
CBT16211 PHILIPS-CBT16211_15 Datasheet
82Kb / 8P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
CBTD16212 PHILIPS-CBTD16212 Datasheet
85Kb / 10P
   24-bit level shifting bus exchange switch WITH 12-BIT OUTPUT ENABIES
2001 Sep 28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com