Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1200B33-A6T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-1200B33-A6T1U
Description  HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1200B33-A6T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-1200B33-A6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
S-1200 Series
Rev.5.1_01
8
Electrical Characteristics
Table 6
(Ta
= +25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage*1
VOUT(E)
VIN
= VOUT(S) + 1.0 V, IOUT = 30 mA
VOUT(S)
× 0.99
VOUT(S) VOUT(S)
× 1.01
V
1
Output current*2
IOUT
VIN
≥ VOUT(S) + 1.0 V
150*5
mA
3
Dropout voltage*3
Vdrop
IOUT
= 30 mA
1.5 V
≤ VOUT(S) ≤ 1.9 V
0.50
0.50
0.51
V
1
2.0 V
≤ VOUT(S) ≤ 2.4 V
0.08
0.12
V
1
2.5 V
≤ VOUT(S) ≤ 2.9 V
0.06
0.08
V
1
3.0 V
≤ VOUT(S) ≤ 3.2 V
0.05
0.07
V
1
3.3 V
≤ VOUT(S) ≤ 5.5 V
0.04
0.06
V
1
IOUT
= 100 mA
1.5 V
≤ VOUT(S) ≤ 1.9 V
0.50
0.55
0.60
V
1
2.0 V
≤ VOUT(S) ≤ 2.4 V
0.24
0.31
V
1
2.5 V
≤ VOUT(S) ≤ 2.9 V
0.16
0.23
V
1
3.0 V
≤ VOUT(S) ≤ 3.2 V
0.14
0.21
V
1
3.3 V
≤ VOUT(S) ≤ 5.5 V
0.13
0.19
V
1
Line regulation
OUT
IN
OUT1
V
V
V
Δ
Δ
VOUT(S)
+ 0.5 V ≤ VIN ≤ 10 V,
IOUT
= 30 mA
0.01
0.2
% / V
1
Load regulation
ΔVOUT2
VIN
= VOUT(S) + 1.0 V,
1.0 mA
≤ IOUT ≤ 80 mA
15
50
mV
1
Output voltage
temperature coefficient*4
OUT
OUT
V
Ta
V
Δ
Δ
VIN
= VOUT(S) + 1.0 V, IOUT = 30 mA,
−40°C ≤ Ta ≤ 85°C
±100
ppm/
°C
1
Current consumption
during operation
ISS1
VIN
= VOUT(S) + 1.0 V, ON/OFF pin = ON,
no load
18
40
μA
2
Current consumption
during power-off
ISS2
VIN
= VOUT(S) + 1.0 V, ON/OFF pin = OFF,
no load
0.01
1.0
μA
2
Input voltage
VIN
2.0
10
V
ON/OFF pin
input voltage “H”
VSH
VIN
= VOUT(S) + 1.0 V, RL = 1.0 kΩ
1.5
V
4
ON/OFF pin
input voltage “L”
VSL
VIN
= VOUT(S) + 1.0 V, RL = 1.0 kΩ
0.25
V
4
ON/OFF pin
input current “H”
ISH
VIN
= 6.5 V, VON/OFF = 6.5 V
−0.1
0.1
μA
4
ON/OFF pin
input current “L”
ISL
VIN
= 6.5 V, VON/OFF = 0 V
−0.1
0.1
μA
4
Ripple rejection
RR
VIN
= VOUT(S) + 1.0 V,
f
= 1.0 kHz,
1.5 V
≤ VOUT(S) ≤ 3.0 V
70
dB
5
ΔVrip = 0.5 Vrms,
IOUT
= 50 mA
3.1 V
≤ VOUT(S) ≤ 5.5 V
65
dB
5
Short-circuit current
Ishort
VIN
= VOUT(S) + 1.0 V, ON/OFF pin = ON,
VOUT
= 0 V
250
mA
3


Similar Part No. - S-1200B33-A6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1200B33-A6T1U ABLIC-S-1200B33-A6T1U Datasheet
629Kb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results

Similar Description - S-1200B33-A6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1200 SII-S-1200 Datasheet
479Kb / 31P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1200 ABLIC-S-1200 Datasheet
629Kb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1138 UTC-L1138 Datasheet
234Kb / 8P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com