Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1200B33-A6T1U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-1200B33-A6T1U
Description  HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1200B33-A6T1U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-1200B33-A6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1200B33-A6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
S-1200 Series
Rev.5.1_01
4
1. 3 HSNT-6A
S-1200 x xx - A6T1 U
Environmental code
U
: Lead-free (Sn 100%), halogen-free
Package abbreviation and packing specifications
*1
A6T1 : HSNT-6A, Tape
Output voltage
15 to 55
(e.g. When output voltage is 1.5 V, it is expressed as 15.)
Product type
*2
A : ON/OFF pin negative logic
B : ON/OFF pin positive logic
*1. Refer to the tape drawing.
*2. Refer to “3. ON/OFF pin” in “ Operation”.
2. Packages
Package Name
Drawing Code
Package
Tape
Reel
Land
Stencil Opening
SNT-6A(H)
PI006-A-P-SD
PI006-A-C-SD
PI006-A-R-SD
PI006-A-L-SD
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
HSNT-6A
PJ006-A-P-SD
PJ006-A-C-SD
PJ006-A-R-SD
PJ006-A-LM-SD PJ006-A-LM-SD


Similar Part No. - S-1200B33-A6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1200B33-A6T1U ABLIC-S-1200B33-A6T1U Datasheet
629Kb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results

Similar Description - S-1200B33-A6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1200 SII-S-1200 Datasheet
479Kb / 31P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1200 ABLIC-S-1200 Datasheet
629Kb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1138 UTC-L1138 Datasheet
234Kb / 8P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com