Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5712BNDH2-I4T1U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-5712BNDH2-I4T1U
Description  LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5712BNDH2-I4T1U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-5712BNDH2-I4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5712BNDH2-I4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5712BNDH2-I4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5712BNDH2-I4T1U Datasheet HTML 9Page - Seiko Instruments Inc S-5712BNDH2-I4T1U Datasheet HTML 10Page - Seiko Instruments Inc S-5712BNDH2-I4T1U Datasheet HTML 11Page - Seiko Instruments Inc S-5712BNDH2-I4T1U Datasheet HTML 12Page - Seiko Instruments Inc S-5712BNDH2-I4T1U Datasheet HTML 13Page - Seiko Instruments Inc S-5712BNDH2-I4T1U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-5712A/B/C Series
Rev.5.0_00
10
2. Product with S pole or N pole detection
2. 1 S-5712AxSxx, S-5712AxNxx
Table 13
(Ta =
+25°C, VDD = 1.85 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage VDD
1.60
1.85
3.50
V
Current consumption
IDD
Average value
1.4
3.0
μA
1
Output voltage
VOUT
Nch open-drain
output product
Output transistor Nch,
IOUT = 0.5 mA
0.4
V
2
CMOS output
product
Output transistor Nch,
IOUT = 0.5 mA
0.4
V
2
Output transistor Pch,
IOUT =
−0.5 mA
VDD
0.4
V
3
Leakage current
ILEAK
Nch open-drain output product
Output transistor Nch, VOUT = 3.5 V
1
μA
4
Awake mode time
tAW
0.05
ms
Sleep mode time
tSL
50.80
ms
Operating cycle
tCYCLE
tAW
+ tSL
50.85
100.00
ms
2. 2 S-5712CxSxx, S-5712CxNxx
Table 14
(Ta =
+25°C, VDD = 1.85 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage VDD
1.60
1.85
3.50
V
Current consumption
IDD
Average value
6.0
11.0
μA
1
Output voltage
VOUT
Nch open-drain
output product
Output transistor Nch,
IOUT = 0.5 mA
0.4
V
2
CMOS output
product
Output transistor Nch,
IOUT = 0.5 mA
0.4
V
2
Output transistor Pch,
IOUT =
−0.5 mA
VDD
0.4
V
3
Leakage current
ILEAK
Nch open-drain output product
Output transistor Nch, VOUT = 3.5 V
1
μA
4
Awake mode time
tAW
0.05
ms
Sleep mode time
tSL
6.00
ms
Operating cycle
tCYCLE
tAW
+ tSL
6.05
12.00
ms


Similar Part No. - S-5712BNDH2-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5712BNDH2-I4T1U SII-S-5712BNDH2-I4T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
More results

Similar Description - S-5712BNDH2-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5718 SII-S5718 Datasheet
2Mb / 28P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1-A SII-S-57A1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com