Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8203AAC-TCT1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-8203AAC-TCT1U
Description  BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8203AAC-TCT1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-8203AAC-TCT1U Datasheet HTML 3Page - Seiko Instruments Inc S-8203AAC-TCT1U Datasheet HTML 4Page - Seiko Instruments Inc S-8203AAC-TCT1U Datasheet HTML 5Page - Seiko Instruments Inc S-8203AAC-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8203AAC-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8203AAC-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8203AAC-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc S-8203AAC-TCT1U Datasheet HTML 10Page - Seiko Instruments Inc S-8203AAC-TCT1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.0_00
S-8203A Series
7
Electrical Characteristics
Table 5 (1 / 2)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection Voltage
Overcharge detection voltage n
(n = 1, 2, 3)
VCUn
V1 = V2 = V3 = VCU
− 0.05 V
VCU
− 0.025
VCU
VCU
+ 0.025
V
2
Overcharge release voltage n
(n = 1, 2, 3)
VCLn
VCL
− 0.05
VCL
VCL
+ 0.05
V
2
Overdischarge detection voltage n
(n = 1, 2, 3)
VDLn
VDL
− 0.08
VDL
VDL
+ 0.08
V
2
Overdischarge release voltage n
(n = 1, 2, 3)
VDUn
VDU
− 0.10
VDU
VDU
+ 0.10
V
2
Discharge overcurrent detection
voltage
VDIOV
VDIOV
− 0.015
VDIOV
VDIOV
+ 0.015
V
2
Load short-circuiting detection
voltage
VSHORT
VSHORT
− 0.10
VSHORT
VSHORT
+ 0.10
V
2
Charge overcurrent detection
voltage
VCIOV
VCIOV
− 0.03
VCIOV
VCIOV
+ 0.03
V
2
Temperature coefficient 1
*1
TCOE1
Ta = 0°C to
+50°C
*3
−1.0
0
1.0
mV/°C
Temperature coefficient 2
*2
TCOE2
Ta = 0°C to
+50°C
*3
−0.5
0
0.5
mV/°C
Delay Time Function
*4
CCT pin internal resistance
RCCT
V1 = 4.5 V, V2 = V3 = 3.5 V
6.15
8.31
10.2
M
Ω
3
CDT pin internal resistance
RCDT
V1 = 1.5 V, V2 = V3 = 3.5 V
615
831
1020
k
Ω
3
CIT pin internal resistance
RCIT
123
166
204
k
Ω
3
CCT pin detection voltage
VCCT
V1 = 4.5 V, V2 = V3 = 3.5 V
VDS
× 0.68
VDS
× 0.70
VDS
× 0.72
V
3
CDT pin detection voltage
VCDT
V1 = 1.5 V, V2 = V3 = 3.5 V
VDS
× 0.68
VDS
× 0.70
VDS
× 0.72
V
3
CIT pin detection voltage
VCIT
V6 = VDIOV
+ 0.015 V
VDS
× 0.68
VDS
× 0.70
VDS
× 0.72
V
3
Load short-circuiting detection
delay time
tSHORT
100
300
600
μs
2
CTLC pin response time
tCTLC
2.5
ms
2
CTLD pin response time
tCTLD
2.5
ms
2
0 V Battery Charge Function
0 V battery charge starting charger
voltage
V0CHA
0 V battery charge function
"available"
V1 = V2 = V3 = 0 V
0.8
1.5
V
4
0 V battery charge inhibition battery
voltage
V0INH
0 V battery charge function
"unavailable"
0.4
0.7
1.1
V
2
Internal Resistance
CTLC pin internal resistance
RCTLC
7
10
13
M
Ω
5
CTLD pin internal resistance
RCTLD
7
10
13
M
Ω
5
Resistance between
VM pin and VDD pin
*5
RVMD
V1 = V2 = V3 = 1.8 V
450
900
1800
k
Ω
5
Resistance between
VM pin and VSS pin
RVMS
250
500
750
k
Ω
5


Similar Part No. - S-8203AAC-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8203AAC-TCT1U ABLIC-S-8203AAC-TCT1U Datasheet
696Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.1_00
More results

Similar Description - S-8203AAC-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8203A ABLIC-S-8203A Datasheet
696Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.1_00
logo
Seiko Instruments Inc
S-8233A SII-S-8233A Datasheet
646Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C Datasheet
568Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B_1 Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C_1 Datasheet
392Kb / 27P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com