Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1740C20-M5T1U4 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-1740C20-M5T1U4
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1740C20-M5T1U4 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-1740C20-M5T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1740C20-M5T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1740C20-M5T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1740C20-M5T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1740C20-M5T1U4 Datasheet HTML 9Page - Seiko Instruments Inc S-1740C20-M5T1U4 Datasheet HTML 10Page - Seiko Instruments Inc S-1740C20-M5T1U4 Datasheet HTML 11Page - Seiko Instruments Inc S-1740C20-M5T1U4 Datasheet HTML 12Page - Seiko Instruments Inc S-1740C20-M5T1U4 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5
μA SUPER LOW CURRENT CONSUMPTION
Rev.1.2_00
S-1740/1741 Series
9
Electrical Characteristics
1. Regulator block
Table 14
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = VOUT(S)
+ 1.0 V,
IOUT = 10 mA
1.0 V
≤ VOUT(S) < 1.5 V
VOUT(S)
− 0.015
VOUT(S)
VOUT(S)
+ 0.015
V
1
1.5 V
≤ VOUT(S) ≤ 3.5 V
VOUT(S)
× 0.99
VOUT(S)
VOUT(S)
× 1.01
V
1
Output current
*2
IOUT
VIN
≥ VOUT(S) + 1.0 V
100
*5
mA
3
Dropout voltage
*3
Vdrop
IOUT = 10 mA
1.0 V
≤ VOUT(S) < 1.1 V
0.50
V
1
1.1 V
≤ VOUT(S) < 1.2 V
0.40
V
1
1.2 V
≤ VOUT(S) < 1.3 V
0.30
V
1
1.3 V
≤ VOUT(S) < 1.4 V
0.20
V
1
1.4 V
≤ VOUT(S) < 1.5 V
0.10
V
1
1.5 V
≤ VOUT(S) < 1.7 V
0.050
0.080
V
1
1.7 V
≤ VOUT(S) < 1.8 V
0.040
0.060
V
1
1.8 V
≤ VOUT(S) < 2.0 V
0.040
0.050
V
1
2.0 V
≤ VOUT(S) < 2.5 V
0.030
0.040
V
1
2.5 V
≤ VOUT(S) < 2.8 V
0.020
0.030
V
1
2.8 V
≤ VOUT(S) < 3.0 V
0.019
0.021
V
1
3.0 V
≤ VOUT(S) ≤ 3.5 V
0.018
0.020
V
1
Line regulation
ΔVOUT1
ΔVIN•VOUT
VOUT(S)
+ 0.5 V ≤ VIN ≤ 5.5 V, IOUT = 10 mA
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN = VOUT(S)
+ 1.0 V, 1 μA ≤ IOUT ≤ 50 mA
20
40
mV
1
Output voltage
temperature coefficient
*4
ΔVOUT
ΔTa•VOUT
VIN = VOUT(S)
+ 1.0 V, IOUT = 10 mA,
−40°C ≤ Ta ≤ +85°C
±130
ppm/
°C1
Current consumption
during operation
ISS1
VIN = VOUT(S)
+ 1.0 V, no load
0.35
0.53
μA
2
Input voltage
VIN
1.5
5.5
V
Short-circuit current
Ishort
VIN = VOUT(S)
+ 1.0 V, VOUT = 0 V
60
mA
3
*1. VOUT(S): Set output voltage
VOUT(E): Actual output voltage
Output voltage when fixing IOUT (= 10 mA) and inputting VOUT(S)
+ 1.0 V
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop = VIN1
− (VOUT3 × 0.98)
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V and IOUT = 10 mA.
*4. A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
ΔVOUT
ΔTa []
mV/°C
*1 = V
OUT(S) []
V
*2 ×
ΔVOUT
ΔTa•VOUT []
ppm/°C
*3 ÷ 1000
*1. Change in temperature of output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient
*5. Due to limitation of the power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation when the output current is large.
This specification is guaranteed by design.


Similar Part No. - S-1740C20-M5T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1740C20-M5T1U4 ABLIC-S-1740C20-M5T1U4 Datasheet
1Mb / 47P
   5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00
More results

Similar Description - S-1740C20-M5T1U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1317 SII-S1317 Datasheet
2Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1317 ABLIC-S-1317 Datasheet
1Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 ?쵡 SUPER LOW CURRENT CONSUMPTION
Rev.1.0_01
S-1318 ABLIC-S-1318 Datasheet
856Kb / 42P
   5.5 V INPUT, 100 mA, 95 nA SUPER LOW CURRENT CONSUMPTION VOLTAGE REGULATOR
Rev.1.1_00
S-1740 ABLIC-S-1740 Datasheet
1Mb / 47P
   5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00
logo
Seiko Instruments Inc
S1702 SII-S1702 Datasheet
609Kb / 45P
   SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Seiko Instruments Inc
S85V1A SII-S85V1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
S85S1P SII-S85S1P Datasheet
3Mb / 38P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com